Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72561AR4-Auto Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 58Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 59Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 60Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 61Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 62Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 63Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 64Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 65Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 324 page
background image
Interrupts
ST72561-Auto
62/324
Doc ID 12370 Rev 8
Table 21.
Nested interrupts register map and reset values
Address
(Hex.)
Register
label
76543210
0025h
ISPR0
Reset value
ei1
ei0
CLKM
TLI
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
111
0026h
ISPR1
Reset value
CAN TX/ER/SC
CAN RX
ei3
ei2
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
0027h
ISPR2
Reset value
LINSCI 2
TIMER 16
TIMER 8
SPI
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
0028h
ISPR3
Reset value
1111
ART
LINSCI 1
I1_13
1
I0_13
1
I1_12
1
I0_12
1
0029h
EICR0
Reset value
IS31
0
IS30
0
IS21
0
IS20
0
IS11
0
IS10
0
IS01
0
IS00
0
002Ah
EICR1
Reset value
000000
TLIS
0
TLIE
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com