Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151x8 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8L151x8
Description  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x8 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8L151x8 Datasheet HTML 8Page - STMicroelectronics STM8L151x8 Datasheet HTML 9Page - STMicroelectronics STM8L151x8 Datasheet HTML 10Page - STMicroelectronics STM8L151x8 Datasheet HTML 11Page - STMicroelectronics STM8L151x8 Datasheet HTML 12Page - STMicroelectronics STM8L151x8 Datasheet HTML 13Page - STMicroelectronics STM8L151x8 Datasheet HTML 14Page - STMicroelectronics STM8L151x8 Datasheet HTML 15Page - STMicroelectronics STM8L151x8 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
Description
STM8L151x6/8 STM8L152x6/8
12/146
DocID17943 Rev 10
2.3
Ultra-low-power continuum
The ultra-low-power STM8L151x6/8, STM8L152x6/8 and STM8L162x8 are fully pin-to-pin,
software and feature compatible. Besides the full compatibility within the family, the devices
are part of STMicroelectronics microcontrollers ultra-low-power strategy which also includes
STM8L101 line, STM8L151/152 lines, and STM8L162 line. The STM8L and STM32L
families allow a continuum of performance, peripherals, system architecture, and features.
They are all based on STMicroelectronics 0.13 µm ultra low-leakage process.
Note:
1
The STM8L151xx and STM8L152xx are pin-to-pin compatible with STM8L101xx devices.
2
The STM32L family is pin-to-pin compatible with the general purpose STM32F family.
Please refer to STM32Lxxxxx documentation for more information on these devices.
Performance
All families incorporate highly energy-efficient cores with both Harvard architecture and
pipelined execution: advanced STM8 core for STM8L families and ARM® Cortex®-M3 core
for STM32L family. In addition specific care for the design architecture has been taken to
optimize the mA/DMIPS and mA/MHz ratios.
This allows the ultra-low-power performance to range from 5 up to 33.3 DMIPs.
Shared peripherals
STM8L15xx6/8 and STM32Lxxxxx share identical peripherals which ensure a very easy
migration from one family to another:
•
Analog peripherals: ADC1, DAC1/DAC2, and comparators COMP1/COMP2
•
Digital peripherals: RTC and some communication interfaces
Common system strategy
To offer flexibility and optimize performance, the STM8L15xx6/8 and STM32Lxxxxx devices
use a common architecture:
•
Same power supply range from 1.65 to 3.6 V. For STM8L101xx and medium-density
STM8L15xxx, the power supply must be above 1.8 V at power-on, and go below 1.65 V
at power-down.
•
Architecture optimized to reach ultra low consumption both in low-power modes and
Run mode
•
Fast startup strategy from low-power modes
•
Flexible system clock
•
Ultra safe reset: same reset strategy for both STM8L15xx6/8 and STM32Lxxxxx
including power-on reset, power-down reset, brownout reset and programmable
voltage detector.
Features
STMicroelectronics ultra-low-power continuum also lies in feature compatibility:
•
More than 10 packages with pin counts from 20 to 100 pins and size down to 3 x 3 mm
•
Memory density ranging from 4 to 128 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com