Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8707B Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW8707B Datasheet HTML 10Page - Anpec Electronics Coropration APW8707B Datasheet HTML 11Page - Anpec Electronics Coropration APW8707B Datasheet HTML 12Page - Anpec Electronics Coropration APW8707B Datasheet HTML 13Page - Anpec Electronics Coropration APW8707B Datasheet HTML 14Page - Anpec Electronics Coropration APW8707B Datasheet HTML 15Page - Anpec Electronics Coropration APW8707B Datasheet HTML 16Page - Anpec Electronics Coropration APW8707B Datasheet HTML 17Page - Anpec Electronics Coropration APW8707B Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
14
APW8707B
Application Information
Recommended Minimum Footprint
0.5
0.25
0.4
* Just Recommend
TQFN5x5-30
0.5*
ThermalVia
diameter
0.3mm X 16
0.25
Unit:mm
5mm
0.25
AGND
VIN
LX
0.4
1.39
0.4
3.7
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com