| Electronic Components Datasheet Search |
|
STM32F100ZD Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100ZD Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 106 page ![]() Electrical characteristics STM32F100xC, STM32F100xD, STM32F100xE 44/106 DocID15081 Rev 10 Typical current consumption The MCU is placed under the following conditions: • All I/O pins are in input mode with a static value at VDD or VSS (no load) • All peripherals are disabled except if it is explicitly mentioned • When the peripherals are enabled fPCLK1 = fHCLK/4, fPCLK2 = fHCLK/2, fADCCLK = fPCLK2/4 The parameters given in Table 17 are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 9. Table 16. Typical and maximum current consumptions in Stop and Standby modes Symbol Parameter Conditions Typ(1) Max Unit VDD/VBAT = 2.0 V VDD/ VBAT = 2.4 V VDD/VBAT = 3.3 V TA = 85 °C TA = 105 °C IDD Supply current in Stop mode Regulator in Run mode, Low-speed and high-speed internal RC oscillators and high-speed oscillator OFF (no independent watchdog) - - 31 320 670 µA Regulator in Low-Power mode, Low-speed and high-speed internal RC oscillators and high-speed oscillator OFF (no independent watchdog) - - 24 305 650 Supply current in Standby mode Low-speed internal RC oscillator and independent watchdog ON -- 3.2 - - Low-speed internal RC oscillator ON, independent watchdog OFF -- 3.1 - - Low-speed internal RC oscillator and independent watchdog OFF, low-speed oscillator and RTC OFF -- 2.2 3.9 5.7 IDD_VBAT Backup domain supply current Low-speed oscillator and RTC ON 1.0 1.2 1.4 2 2.3 1. Typical values are measured at TA = 25 °C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |