| Electronic Components Datasheet Search |
|
STM32F303X6 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303X6 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 115 page ![]() DocID025083 Rev 5 55/115 STM32F303x6/x8 Electrical characteristics 100 Table 29. Typical and maximum VDDA consumption in Stop and Standby modes Symbol Parameter Conditions Typ. @VDD (VDD = VDDA)Max.(1) Unit 2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V TA = 25 °C TA = 85 °C TA = 105 ° C IDDA Supply current in Stop mode Regulator in run/low- power mode, all oscillators OFF 1.67 1.79 1.91 2.04 2.19 2.35 2.5 5.9 6.2 µA Supply current in Standby mode LSI ON and IWDG ON 2.06 2.24 2.41 2.60 2.80 3.04 - - - LSI OFF and IWDG OFF 1.54 1.68 1.78 1.92 2.06 2.22 2.6 3.0 3.8 Supply current in Stop mode Regulator in run/low- power mode, all oscillators OFF 0.97 0.99 1.03 1.07 1.14 1.22 - - - Supply current in Standby mode LSI ON and IWDG ON 1.36 1.44 1.52 1.62 1.76 1.91 - - - LSI OFF and IWDG OFF 0.86 0.88 0.91 0.95 1.03 1.09 - - - 1. Data based on characterization results, not tested in production. Table 30. Typical and maximum current consumption from VBAT supply Symbol Para meter Conditions(1) Typ.@VBAT Max. @VBAT= 3.6V(2) Unit 1.65 V 1.8V 2V 2.4V 2.7V 3V 3.3V 3.6V TA= 25°C TA= 85° C TA= 105°C IDD_VBAT Backup domain supply current LSE & RTC ON; “Xtal mode” lower driving capability; LSEDRV[1:0] = '00' 0.42 0.44 0.47 0.54 0.60 0.66 0.74 0.82 - - - µA LSE & RTC ON; “Xtal mode” higher driving capability; LSEDRV[1:0] = '11' 0.71 0.74 0.77 0.85 0.91 0.98 1.06 1.16 - - - 1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values. 2. Data based on characterization results, not tested in production. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |