Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303R6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F303R6
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303R6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F303R6 Datasheet HTML 7Page - STMicroelectronics STM32F303R6 Datasheet HTML 8Page - STMicroelectronics STM32F303R6 Datasheet HTML 9Page - STMicroelectronics STM32F303R6 Datasheet HTML 10Page - STMicroelectronics STM32F303R6 Datasheet HTML 11Page - STMicroelectronics STM32F303R6 Datasheet HTML 12Page - STMicroelectronics STM32F303R6 Datasheet HTML 13Page - STMicroelectronics STM32F303R6 Datasheet HTML 14Page - STMicroelectronics STM32F303R6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
DocID025083 Rev 5
11/115
STM32F303x6/x8
Description
43
Table 2. STM32F303x6/8 family device features and peripherals count
Peripheral
STM32F303Kx
STM32F303Cx
STM32F303Rx
Flash (Kbytes)
32
64
32
64
32
64
SRAM on data bus (Kbytes)
12
Core coupled memory SRAM on
instruction bus (CCM SRAM) (Kbytes)
4
Timers
Advanced control
1 (16-bit)
General purpose
4 (16-bit)
1 (32 bit)
Basic
2 (16-bit)
SysTick timer
1
Watchdog timers
(independent,
window)
2
PWM channels
(all)(1)
20
22
22
PWM channels
(except
complementary)
14
16
16
Comm. interfaces
SPI
1
I2C1
USART
2
3
3
CAN
1
GPIOs
Normal I/Os (TC,
TTa)
10
20
26
5-Volt tolerant I/Os
(FT,FTf)
15
17
25
Capacitive sensing channels
14
17
18
DMA channels
7
12-bit ADCs
Number of channels
2
9
2
15
2
21
12-bit DAC channels
3
Ultra-fast analog comparator
2
3
Operational amplifiers
1
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: - 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP32
LQFP48
LQFP64
1. This total considers also the PWMs generated on the complementary output channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com