Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L062T8 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L062T8
Description  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062T8 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L062T8 Datasheet HTML 96Page - STMicroelectronics STM32L062T8 Datasheet HTML 97Page - STMicroelectronics STM32L062T8 Datasheet HTML 98Page - STMicroelectronics STM32L062T8 Datasheet HTML 99Page - STMicroelectronics STM32L062T8 Datasheet HTML 100Page - STMicroelectronics STM32L062T8 Datasheet HTML 101Page - STMicroelectronics STM32L062T8 Datasheet HTML 102Page - STMicroelectronics STM32L062T8 Datasheet HTML 103Page - STMicroelectronics STM32L062T8 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
Package information
STM32L062x8
100/118
DocID025937 Rev 8
Figure 33. Standard WLCSP36 - 2.61 x 2.88 mm, 0.4 mm pitch wafer level chip scale
recommended footprint
Table 72. Standard WLCSP36 - 2.61 x 2.88 mm, 0.4 mm pitch wafer level chip scale
mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to the 3rd decimal place.
Min
Typ
Max
Min
Typ
Max
A-
-
0.59
-
-
0.023
A1
-
0.18
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3
-
0.025(2)
2. Nominal dimension rounded to the 3rd decimal place results from process capability.
-
-
0.001
-
b
0.22
0.25
0.28
0.009
0.010
0.011
D
2.59
2.61
2.63
0.102
0.103
0.104
E
2.86
2.88
2.90
0.112
0.113
0.114
e
-
0.40
-
-
0.016
-
e1
-
2.00
-
-
0.079
-
e2
-
2.00
-
-
0.079
-
F-
0.305(3)
3. Calculated dimensions are rounded to the 3rd decimal place.
-
-
0.012
-
G-
0.440(3)
-
-
0.017
-
aaa
-
-
0.100
-
-
0.004
bbb
-
-
0.100
-
-
0.004
ccc
-
-
0.100
-
-
0.004
ddd
-
-
0.050
-
-
0.002
eee
-
-
0.050
-
-
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com