Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L063C8 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 62Page - STMicroelectronics STM32L063C8 Datasheet HTML 63Page - STMicroelectronics STM32L063C8 Datasheet HTML 64Page - STMicroelectronics STM32L063C8 Datasheet HTML 65Page - STMicroelectronics STM32L063C8 Datasheet HTML 66Page - STMicroelectronics STM32L063C8 Datasheet HTML 67Page - STMicroelectronics STM32L063C8 Datasheet HTML 68Page - STMicroelectronics STM32L063C8 Datasheet HTML 69Page - STMicroelectronics STM32L063C8 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 121 page
background image
Electrical characteristics
STM32L063x8
66/121
DocID025660 Rev 6
Table 36. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(Standby)
Supply current in Standby
mode
Independent watchdog
and LSI enabled
TA = − 40 to 25°C
1.3
1.7
µA
TA = 55 °C
-
2.9
TA= 85 °C
-
3.3
TA = 105 °C
-
4.1
TA = 125 °C
-
8.5
Independent watchdog
and LSI off
TA = − 40 to 25°C
0.29
0.6
TA = 55 °C
0.32
0.9
TA = 85 °C
0.5
2.3
TA = 105 °C
0.94
3
TA = 125 °C
2.6
7
1. Guaranteed by characterization results at 125 °C, unless otherwise specified
Table 37. Average current consumption during Wakeup
Symbol
parameter
System frequency
Current
consumption
during wakeup
Unit
IDD (Wakeup from
Stop)
Supply current during Wakeup from
Stop mode
HSI
1
mA
HSI/4
0,7
MSI clock = 4,2 MHz
0,7
MSI clock = 1,05 MHz
0,4
MSI clock = 65 KHz
0,1
IDD (Reset)
Reset pin pulled down
-
0,21
IDD (Power-up)
BOR on
-
0,23
IDD (Wakeup from
StandBy)
With Fast wakeup set
MSI clock = 2,1 MHz
0,5
With Fast wakeup disabled
MSI clock = 2,1 MHz
0,12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com