Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F767VG Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F767VG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VG Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F767VG Datasheet HTML 45Page - STMicroelectronics STM32F767VG Datasheet HTML 46Page - STMicroelectronics STM32F767VG Datasheet HTML 47Page - STMicroelectronics STM32F767VG Datasheet HTML 48Page - STMicroelectronics STM32F767VG Datasheet HTML 49Page - STMicroelectronics STM32F767VG Datasheet HTML 50Page - STMicroelectronics STM32F767VG Datasheet HTML 51Page - STMicroelectronics STM32F767VG Datasheet HTML 52Page - STMicroelectronics STM32F767VG Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 255 page
background image
DocID029041 Rev 4
49/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Functional overview
53
2.42
Digital filter for Sigma-Delta Modulators (DFSDM)
The devices embed one DFSDM with 4 digital filters modules and 8 external input serial
channels (transceivers) or alternately 8 internal parallel inputs support. The DFSDM
peripheral is dedicated to interface the external Σ∆ modulators to microcontroller and then to
perform digital filtering of the received data streams (which represent analog value on Σ∆
modulators inputs). The DFSDM can also interface PDM (Pulse Density Modulation)
microphones and perform PDM to PCM conversion and filtering in hardware. The DFSDM
features optional parallel data stream inputs from microcontrollers memory (through
DMA/CPU transfers into DFSDM). The DFSDM transceivers support several serial interface
formats (to support various Σ∆ modulators). The DFSDM digital filter modules perform
digital processing according user selected filter parameters with up to 24-bit final ADC
resolution.
The DFSDM peripheral supports:
8 multiplexed input digital serial channels:
Configurable SPI interface to connect various SD modulator(s)
Configurable Manchester coded 1 wire interface support
PDM (Pulse Density Modulation) microphone input support
Maximum input clock frequency up to 20 MHz (10 MHz for Manchester coding)
Clock output for SD modulator(s): 0..20 MHz
Alternative inputs from 8 internal digital parallel channels (up to 16 bit input resolution):
internal sources: device memory data streams (DMA)
4 digital filter modules with adjustable digital signal processing:
Sincxfilter: filter order/type (1..5), oversampling ratio (up to 1..1024)
integrator: oversampling ratio (1..256)
Up to 24-bit output data resolution, signed output data format
Automatic data offset correction (offset stored in register by user)
Continuous or single conversion
Start-of-conversion triggered by:
Software trigger
Internal timers
External events
Start-of-conversion synchronously with first digital filter module (DFSDM0)
Analog watchdog feature:
Low value and high value data threshold registers
Dedicated configurable Sincx digital filter (order = 1..3, oversampling ratio = 1..32)
Input from final output data or from selected input digital serial channels
Continuous monitoring independently from standard conversion
Short circuit detector to detect saturated analog input values (bottom and top range):
Up to 8-bit counter to detect 1..256 consecutive 0’s or 1’s on serial data stream
Monitoring continuously each input serial channel
Break signal generation on analog watchdog event or on short circuit detector event
Extremes detector:
Storage of minimum and maximum values of final conversion data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com