| Electronic Components Datasheet Search |
|
STM32F769IG Datasheet(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F769IG Datasheet(HTML) 81 Page - STMicroelectronics |
|
81 / 255 page ![]() DocID029041 Rev 4 81/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 - - C13 134 157 C13 D3 134 157 C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, DCMI_D10, EVENTOUT - - - D9 135 - F9 - 135 - F9 VSS S - - - - - C9 136 158 E10 - 136 158 E10 VDD S - - - -- 76 109 A14 137 159 A14 A3 137 159 A14 PA14(JTC K- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 77 110 A13 138 160 A13 F8 138 160 A13 PA15(JTD I) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, HDMI_CEC, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, SPI6_NSS, UART4_RTS, CAN3_TX, UART7_TX, EVENTOUT - 78 111 B14 139 161 B14 B4 139 161 B14 PC10 I/O FT - DFSDM1_CKIN5, SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDMMC1_D2, DCMI_D8, LCD_R2, EVENTOUT - 79 112 B13 140 162 B13 C4 140 162 B13 PC11 I/O FT - DFSDM1_DATIN5, SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDMMC1_D3, DCMI_D4, EVENTOUT - 80 113 A12 141 163 A12 D4 141 163 A12 PC12 I/O FT - TRACED3, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDMMC1_CK, DCMI_D9, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |