Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F769I Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 22Page - STMicroelectronics STM32F769I Datasheet HTML 23Page - STMicroelectronics STM32F769I Datasheet HTML 24Page - STMicroelectronics STM32F769I Datasheet HTML 25Page - STMicroelectronics STM32F769I Datasheet HTML 26Page - STMicroelectronics STM32F769I Datasheet HTML 27Page - STMicroelectronics STM32F769I Datasheet HTML 28Page - STMicroelectronics STM32F769I Datasheet HTML 29Page - STMicroelectronics STM32F769I Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 255 page
background image
Functional overview
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
26/255
DocID029041 Rev 4
2.13
JPEG codec (JPEG)
The JPEG codec provides an fast and simple hardware compressor and decompressor of
JPEG images with full management of JPEG headers.
The JPEG codec main features:
•
8-bit/channel pixel depths
•
Single clock per pixel encoding and decoding
•
Support for JPEG header generation and parsing
•
Up to four programmable quantization tables
•
Fully programmable Huffman tables (two AC and two DC)
•
Fully programmable minimum coded unit (MCU)
•
Encode/decode support (non simultaneous)
•
Single clock Huffman coding and decoding
•
Two-channel interface: Pixel/Compress In, Pixel/Compressed Out
•
Stallable design
•
Support for single, greyscale component
•
Functionality to enable/disable header processing
•
Internal register interface
•
Fully synchronous design
•
Configured for high-speed decode mode
2.14
External interrupt/event controller (EXTI)
The external interrupt/event controller consists of 25 edge-detector lines used to generate
interrupt/event requests. Each line can be independently configured to select the trigger
event (rising edge, falling edge, both) and can be masked independently. A pending register
maintains the status of the interrupt requests. The EXTI can detect an external line with a
pulse width shorter than the Internal APB2 clock period. Up to 168 GPIOs can be connected
to the 16 external interrupt lines.
2.15
Clocks and startup
On reset the 16 MHz internal HSI RC oscillator is selected as the default CPU clock. The
16 MHz internal RC oscillator is factory-trimmed to offer 1% accuracy. The application can
then select as system clock either the RC oscillator or an external 4-26 MHz clock source.
This clock can be monitored for failure. If a failure is detected, the system automatically
switches back to the internal RC oscillator and a software interrupt is generated (if enabled).
This clock source is input to a PLL thus allowing to increase the frequency up to 216 MHz.
Similarly, full interrupt management of the PLL clock entry is available when necessary (for
example if an indirectly used external oscillator fails).
Several prescalers allow the configuration of the two AHB buses, the high-speed APB
(APB2) and the low-speed APB (APB1) domains. The maximum frequency of the two AHB
buses is 216 MHz while the maximum frequency of the high-speed APB domains is
108 MHz. The maximum allowed frequency of the low-speed APB domain is 54 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com