Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L471QE Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L471QE
Description  Batch acquisition mode
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L471QE Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L471QE Datasheet HTML 9Page - STMicroelectronics STM32L471QE Datasheet HTML 10Page - STMicroelectronics STM32L471QE Datasheet HTML 11Page - STMicroelectronics STM32L471QE Datasheet HTML 12Page - STMicroelectronics STM32L471QE Datasheet HTML 13Page - STMicroelectronics STM32L471QE Datasheet HTML 14Page - STMicroelectronics STM32L471QE Datasheet HTML 15Page - STMicroelectronics STM32L471QE Datasheet HTML 16Page - STMicroelectronics STM32L471QE Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 218 page
background image
DocID027226 Rev 1
13/218
STM32L471xx
Description
55
Table 2. STM32L471xx family device features and peripheral counts
Peripheral
STM32L471Zx
STM32L471Qx
STM32L471Vx
STM32L471Rx
Flash memory
512KB
1MB
512KB
1MB
512KB
1MB
512KB
1MB
SRAM
128KB
External memory controller for
static memories
Yes
Yes
Yes(1)
No
Quad SPI
Yes
Timers
Advanced control
2 (16-bit)
General purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low -power
2 (16-bit)
SysTick timer
1
Watchdog timers
(independent,
window)
2
Comm.
interfaces
SPI
3
I2C3
USART
UART
LPUART
3
2
1
SAI
2
CAN
1
SDMMC
Yes
SWPMI
Yes
Digital filters for sigma-delta
modulators
Yes (4 filters)
Number of channels
8
RTC
Yes
Tamper pins
3
2
Random generator
Yes
GPIOs
Wakeup pins
Nb of I/Os down to 1.08 V
114
5
14
109
5
14
82
5
0
51
4
0
Capacitive sensing
Number of channels
24
24
21
12
12-bit ADCs
Number of channels
3
24
3
19
3
16
3
16
12-bit DAC channels
2
Internal voltage reference buffer
Yes
No
Analog comparator
2
Operational amplifiers
2
Max. CPU frequency
80 MHz
Operating voltage
1.71 to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com