Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F732REI6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F732REI6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732REI6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F732REI6 Datasheet HTML 21Page - STMicroelectronics STM32F732REI6 Datasheet HTML 22Page - STMicroelectronics STM32F732REI6 Datasheet HTML 23Page - STMicroelectronics STM32F732REI6 Datasheet HTML 24Page - STMicroelectronics STM32F732REI6 Datasheet HTML 25Page - STMicroelectronics STM32F732REI6 Datasheet HTML 26Page - STMicroelectronics STM32F732REI6 Datasheet HTML 27Page - STMicroelectronics STM32F732REI6 Datasheet HTML 28Page - STMicroelectronics STM32F732REI6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
DocID028480 Rev 1
25/122
STM32F732xx STM32F733xx
Functional overview
44
Figure 9. Power supply supervisor interconnection with internal reset OFF
The VDD specified threshold, below which the device must be maintained under reset, is
1.7 V (see Figure 10).
A comprehensive set of power-saving mode allows to design low-power applications.
When the internal reset is OFF, the following integrated features are no more supported:
•
The integrated power-on reset (POR) / power-down reset (PDR) circuitry is disabled
•
The brownout reset (BOR) circuitry must be disabled
•
The embedded programmable voltage detector (PVD) is disabled
•
VBAT functionality is no more available and VBAT pin should be connected to VDD.
All packages, except for the LQFP100, allow to disable the internal reset through the
PDR_ON signal when connected to VSS.
Figure 10. PDR_ON control with internal reset OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com