Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33702 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 33702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33702 Datasheet(HTML) 2 Page - Motorola, Inc

  33702 Datasheet HTML 1Page - Motorola, Inc 33702 Datasheet HTML 2Page - Motorola, Inc 33702 Datasheet HTML 3Page - Motorola, Inc 33702 Datasheet HTML 4Page - Motorola, Inc 33702 Datasheet HTML 5Page - Motorola, Inc 33702 Datasheet HTML 6Page - Motorola, Inc 33702 Datasheet HTML 7Page - Motorola, Inc 33702 Datasheet HTML 8Page - Motorola, Inc 33702 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33702 Simplified Block Diagram
Buck
Control
Logic
+
-
+
-
Thermal
Limit
Current
Limit
Error
Amp.
PWM
Comp.
UVLO
VBST
VDDI
SW
FREQ
Power
Down
Reset
Control
POR
Timer
SysCon
SysCon
INV
EN2
0.8V
(2)
EN1
SoftSt
CLKSYN
VIN2
Buck
HS
&
LS
Driver
VBST
Vref
Vref
Power
Enable
8.0V
VBST
Boost
Control
VBD
VDDI
LDRV
Vref
LFB
CS
LDO
RT
RESET
VDDI
SDA
SCL
PGND
Reset
VIN1
VIN
BOOT
CLKSEL
VOUT
VLDO
LCMP
Vref
VDDI
Q2
Q1
(2)
(2)
(4)
ADDR
I2C
Interface
I2C
Control
I2C
Control
VDDI
VDDI
Internal
Supply
VDDI
Bandgap
Voltage
Reference
Power
Sequencing
Voltage Margining
W-dog Timer
VBST
Slope
Comp.
VOUT
To Reset
Control
Pow.
Seq.
Switcher
Oscillator
300kHz
VBST
Linear
Regulator
Control
I-lim
PGND
Pow. Seq.
VOUT
Q3
Q4
INV
LFB
Buck
Control
Logic
Buck
Control
Logic
+
-
+
-
+
-
+
-
Thermal
Limit
Current
Limit
Error
Amp.
PWM
Comp.
UVLO
VBST
VDDI
SW
FREQ
Power
Down
Reset
Control
POR
Timer
SysCon
SysCon
INV
EN2
0.8V
(2)
EN1
SoftSt
CLKSYN
VIN2
Buck
HS
&
LS
Driver
Buck
HS
&
LS
Driver
VBST
Vref
Vref
Power
Enable
8.0V
VBST
Boost
Control
Boost
Control
VBD
VDDI
LDRV
Vref
LFB
CS
LDO
RT
RESET
VDDI
SDA
SCL
PGND
Reset
VIN1
VIN
BOOT
CLKSEL
VOUT
VLDO
LCMP
Vref
VDDI
Q2
Q1
(2)
(2)
(4)
ADDR
I2C
Interface
I2C
Control
I2C
Control
VDDI
VDDI
Internal
Supply
VDDI
Bandgap
Voltage
Reference
Power
Sequencing
Voltage Margining
W-dog Timer
VBST
Slope
Comp.
Slope
Comp.
VOUT
To Reset
Control
Pow.
Seq.
Switcher
Oscillator
300kHz
VBST
Linear
Regulator
Control
I-lim
Linear
Regulator
Control
I-lim
PGND
Pow. Seq.
VOUT
Q3
Q4
INV
LFB
VBST
VIN1
VIN
VDDI
VDDI
VBST
VDDI
VDDI
ILIM
VBST
VBST
VOUT
VLDO
VIN2
VOUT
VOUT
PWR Seq.
VDDI
Watchdog Timer
VBD
VDDI
VBST
PWR Seq.
VDDI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com