| Electronic Components Datasheet Search |
|
STM32F779IGK6 Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IGK6 Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 255 page ![]() Functional overview STM32F777xx STM32F778Ax STM32F779xx 52/255 DocID028294 Rev 4 2.48 DSI Host (DSIHOST) The DSI Host is a dedicated peripheral for interfacing with MIPI® DSI compliant displays. It includes a dedicated video interface internally connected to the LTDC and a generic APB interface that can be used to transmit information to the display. These interfaces are as follows: • LTDC interface: – Used to transmit information in Video mode, in which the transfers from the host processor to the peripheral take the form of a real-time pixel stream (DPI). – Through a customized for mode, this interface can be used to transmit information in full bandwidth in the Adapted Command mode (DBI). • APB slave interface: – Allows the transmission of generic information in Command mode, and follows a proprietary register interface. – Can operate concurrently with either LTDC interface in either Video mode or Adapted Command mode. • Video mode pattern generator: – Allows the transmission of horizontal/vertical color bar and D-PHY BER testing pattern without any kind of stimuli. The DSI Host main features: • Compliant with MIPI® Alliance standards • Interface with MIPI® D-PHY • Supports all commands defined in the MIPI® Alliance specification for DCS: – Transmission of all Command mode packets through the APB interface – Transmission of commands in low-power and high-speed during Video mode • Supports up to two D-PHY data lanes • Bidirectional communication and escape mode support through data lane 0 • Supports non-continuous clock in D-PHY clock lane for additional power saving • Supports Ultra Low-power mode with PLL disabled • ECC and Checksum capabilities • Support for End of Transmission Packet (EoTp) • Fault recovery schemes • 3D transmission support • Configurable selection of system interfaces: – AMBA APB for control and optional support for Generic and DCS commands – Video Mode interface through LTDC – Adapted Command mode interface through LTDC • Independently programmable Virtual Channel ID in – Video mode – Adapted Command mode – APB Slave Video Mode interfaces features: • LTDC interface color coding mappings into 24-bit interface: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |