Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F732REY6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32F732REY6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732REY6 Datasheet(HTML) 4 Page - STMicroelectronics

  STM32F732REY6 Datasheet HTML 1Page - STMicroelectronics STM32F732REY6 Datasheet HTML 2Page - STMicroelectronics STM32F732REY6 Datasheet HTML 3Page - STMicroelectronics STM32F732REY6 Datasheet HTML 4Page - STMicroelectronics STM32F732REY6 Datasheet HTML 5Page - STMicroelectronics STM32F732REY6 Datasheet HTML 6Page - STMicroelectronics STM32F732REY6 Datasheet HTML 7Page - STMicroelectronics STM32F732REY6 Datasheet HTML 8Page - STMicroelectronics STM32F732REY6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
Contents
STM32F732xx STM32F733xx
4/122
DocID028480 Rev 1
2.20.3
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
2.20.4
Low-power timer (LPTIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
2.20.5
Independent watchdog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
2.20.6
Window watchdog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
2.20.7
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
2.21
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
2.22
Universal synchronous/asynchronous receiver transmitters (USART) . . 37
2.23
Serial peripheral interface (SPI)/inter- integrated sound interfaces (I2S) . 38
2.24
Serial audio interface (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
2.25
Audio PLL (PLLI2S) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.26
Audio PLL (PLLSAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.27
SD/SDIO/MMC card host interface (SDMMC) . . . . . . . . . . . . . . . . . . . . . 39
2.28
Controller area network (bxCAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.29
Universal serial bus on-the-go full-speed (OTG_FS) . . . . . . . . . . . . . . . . 40
2.30
Universal serial bus on-the-go high-speed (OTG_HS) . . . . . . . . . . . . . . . 40
2.30.1
Universal Serial Bus controller on-the-go High-Speed PHY controller
(USBPHYC) only on STM32F733xx devices. . . . . . . . . . . . . . . . . . . . . 41
2.31
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
2.32
Advanced encryption standard hardware accelerator (AES) . . . . . . . . . . 41
2.33
General-purpose input/outputs (GPIOs) . . . . . . . . . . . . . . . . . . . . . . . . . . 42
2.34
Analog-to-digital converters (ADCs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
2.35
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
2.36
Digital-to-analog converter (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
2.37
Serial wire JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . . 43
2.38
Embedded Trace Macrocell™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3
Pinouts and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4
Memory mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
5
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
5.1
LQFP64 – 10 x 10 mm, low-profile quad flat package information . . . . . 102
5.2
LQFP100, 14 x 14 mm low-profile quad flat package information . . . . . 104
5.3
LQFP144, 20 x 20 mm low-profile quad flat package information . . . . . 106
5.4
LQFP176 24 x 24 mm low-profile quad flat package information . . . . . . 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com