Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79L06ACF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 79L06ACF
Description  Three-Terminal Low Current Negative Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

79L06ACF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  79L06ACF Datasheet HTML 1Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 2Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 3Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 4Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 5Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 6Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
79L00AC Series
Ph./Fax: +7–816–2231736
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
© August 2001 Rev 1
2
ABSOLUTE MAXIMUM RATINGS (T
A = 25 °C)
Rating
Symbol
Value
Unit
Input Voltage
V
O = -5 V to -9 V
V
O = -12 V to -15 V
V
I
-30
-35
V
Output Current
I
O
100
mA
Maximum Power Dissipation
Case KT-26 (TO-92) Z Suffix
Case KT-47 (SOT-89) F Suffix
Case 4303.8-1 (SO-8) D Suffix
P
D
500
350
500
mW
Junction Temperature
T
JMAX
150
°C
Operating Junction Temperature Range
T
OPR
-30 to +85
°C
Storage Temperature Range
T
STG
-40 to +150
°C
ORDERING INFORMATION
Device
Marking
Package
Quantity
Packing Style
79LXXACZ*
79LXXACZ*
SOT-54
1 Kpcs / plastic bags /
carton box
In bulk
79LXXACF*
9LXX*
SOT-89
5 Kpcs / plastic bags /
carton box
In bulk
79LXXACF-T1*
9LXX*
SOT-89
1 Kpcs / Reel
Embossed tape 12-mm wide 7'' dia.
Pin 2 (Common) towards the windung.
Perforation on the right.
79LXXACD*
79LXXACD* SO-8
5 Kpcs / plastic bags /
carton box
In bulk
79LXXACD-R1* 79LXXACD* SO-8
500 pcs / Reel
Embossed tape 12-mm wide 7'' dia.
Pin 1 (Output) face to perforation side
of the tape.
79LXXACD-R2* 79LXXACD* SO-8
2.5 Kpcs / Reel
Embossed tape 12-mm wide 13'' dia.
Pin 1 (Output) face to perforation side
of the tape.
Note 1:
XX indicates nominal voltage
*Available in -5, -6, -8, -9, -12 and -15 V devices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com