Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F779IGY6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F779IGY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGY6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F779IGY6 Datasheet HTML 11Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 12Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 13Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 14Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 15Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 16Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 17Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 18Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 255 page
background image
DocID028294 Rev 4
15/255
STM32F777xx STM32F778Ax STM32F779xx
Description
53
The supply voltage can drop to 1.7 V with the use of an external power supply supervisor
(refer to Section 2.18.2: Internal reset OFF). A comprehensive set of power-saving mode
allows the design of low-power applications.
The STM32F777xx, STM32F778Ax and STM32F779xx devices offer devices in 10
packages ranging from 100 pins to 216 pins. The set of included peripherals changes with
the device chosen.
These features make the STM32F777xx, STM32F778Ax and STM32F779xx
microcontrollers suitable for a wide range of applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
•
Mobile applications, Internet of Things
•
Wearable devices: smartwatches.
Figure 2 shows the general block diagram of the device family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com