| Electronic Components Datasheet Search |
|
AD9886/PCB Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9886/PCB Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 32 page ![]() REV. 0 AD9886 –29– Data is read from the control registers of the AD9886 in a similar manner. Reading requires two data transfer operations: The base address must be written with the R/ W bit of the slave address byte LOW to set up a sequential read operation. Reading (the R/ W bit of the slave address byte HIGH) begins at the previously established base address. The address of the read register autoincrements after each byte is transferred. To terminate a read/write sequence to the AD9886, a stop sig- nal must be sent. A stop signal comprises a LOW-to-HIGH transition of SDA while SCL is HIGH. A repeated start signal occurs when the master device driving the serial interface generates a start signal without first generat- ing a stop signal to terminate the current communication. This is used to change the mode of communication (read, write) between the slave and master without releasing the serial inter- face lines. Serial Interface Read/Write Examples Write to one control register ➥Start signal ➥Slave Address byte (R/W bit = LOW) ➥Base Address byte ➥Data byte to base address ➥Stop signal Write to four consecutive control registers ➥Start signal ➥Slave Address byte (R/W bit = LOW) ➥Base Address byte ➥Data byte to base address ➥Data byte to (base address + 1) ➥Data byte to (base address + 2) ➥Data byte to (base address + 3) ➥Stop signal Read from one control register ➥Start signal ➥Slave Address byte (R/W bit = LOW) ➥Base Address byte ➥Start signal ➥Slave Address byte (R/W bit = HIGH) ➥Data byte from base address ➥Stop signal Read from four consecutive control registers ➥Start signal ➥Slave Address byte (R/W bit = LOW) ➥Base Address byte ➥Start signal ➥Slave Address byte (R/W bit = HIGH) ➥Data byte from base address ➥Data byte from (base address + 1) ➥Data byte from (base address + 2) ➥Data byte from (base address + 3) ➥Stop signal BIT 7 SDA SCL ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Figure 28. Serial Interface—Typical Byte Transfer SDA SCL tBUFF tSTAH tDHO tDSU tDAL tDAH tSTASU tSTOSU Figure 27. Serial Port Read/ Write Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |