Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4213 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4213
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4213 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4213 Datasheet HTML 12Page - Analog Devices ADF4213 Datasheet HTML 13Page - Analog Devices ADF4213 Datasheet HTML 14Page - Analog Devices ADF4213 Datasheet HTML 15Page - Analog Devices ADF4213 Datasheet HTML 16Page - Analog Devices ADF4213 Datasheet HTML 17Page - Analog Devices ADF4213 Datasheet HTML 18Page - Analog Devices ADF4213 Datasheet HTML 19Page - Analog Devices ADF4213 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–19–
PCB Guidelines for Chip Scale Package
The lands on the chip scale package (CP-20), are rectangular.
The printed circuit board pad for these should be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. The land should be centered on the
pad. This will ensure that the solder joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. On the printed circuit board, there
should be clearance of at least 0.25 mm between the thermal
pad and inner edges of the pad pattern. This will ensure that
shorting is avoided.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Thin Shrink Small Outline Package (TSSOP)
(RU-20)
20
11
10
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.260 (6.60)
0.252 (6.40)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
Chip Scale Package
(CP-20)
1
20
5
6
11
16
15
BOTTOM
VIEW
10
0.080 (2.25)
0.083 (2.10) SQ
0.077 (1.95)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.030 (0.75)
0.022 (0.60)
0.014 (0.50)
0.012 (0.30)
0.009 (0.23)
0.007 (0.18)
0.080 (2.00)
REF
0.010 (0.25)
MIN
0.020 (0.50)
BSC
12 MAX
0.008 (0.20)
REF
0.031 (0.80) MAX
0.026 (0.65) NOM
0.002 (0.05)
0.0004 (0.01)
0.0 (0.0)
0.035 (0.90) MAX
0.033 (0.85) NOM
SEATING
PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
PIN 1
INDICATOR
TOP
VIEW
0.148 (3.75)
BSC SQ
0.157 (4.0)
BSC SQ
Thermal vias may be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they should be incorporated in the thermal pad at 1.2 mm
grid pitch. The via diameter should be between 0.3 mm and
0.33 mm and the via barrel should be plated with 1 oz. copper
to plug the via. The user should connect the printed circuit
board pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com