Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXM-9 Datasheet(PDF) 2 Page - Cree, Inc

Part # CXM-9
Description  Winnie series
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXM-9 Datasheet(HTML) 2 Page - Cree, Inc

  CXM-9 Datasheet HTML 1Page - Cree, Inc CXM-9 Datasheet HTML 2Page - Cree, Inc CXM-9 Datasheet HTML 3Page - Cree, Inc CXM-9 Datasheet HTML 4Page - Cree, Inc CXM-9 Datasheet HTML 5Page - Cree, Inc CXM-9 Datasheet HTML 6Page - Cree, Inc CXM-9 Datasheet HTML 7Page - Cree, Inc CXM-9 Datasheet HTML 8Page - Cree, Inc CXM-9 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
PRODUCT DATASHEET
Winnie series
last update 11/4/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Soleriq P13
49 deg
Wide
86 %
1.100
-
Soleriq S13
49 deg
Wide
87 %
1.000
-
Soleriq S19
50 deg
Wide
84 %
1.000
-
Duris S10
54 deg
Wide
88 %
1.000
-
Soleriq S9
sim: 45
Wide
sim: 90 % sim: 1.200 -
LC010C
sim: 45
Wide
sim: 91 % sim: 1.200 Bender Wirth: 479 Typ L5
LC020C
sim: 45
Wide
sim: 89 % sim: 1.200 Bender Wirth: 479 Typ L5
LC040C
sim: 45
Wide
sim: 88 % sim: 1.200 Bender Wirth: 479 Typ L5
COB D Series LES 9.8 mm
47 deg
Wide
88 %
1.100
-
COB D Series LES 14.5 mm
52 deg
Wide
85 %
0.920
-
ZC12/18
48 deg
Wide
89 %
1.100
Bender Wirth: 433 Typ L5
ZC4/6
sim: 46
Wide
sim: 87 % sim: 1.100 Bender Wirth: 434 Typ L5
MJT COB LES 9.8
46 deg
Wide
90 %
1.100
Bender Wirth: 434 Typ L5
MJT COB LES 14.5
51 deg
Wide
84 %
0.900
Bender Wirth: 433 Typ L5
SLE G5 LES6
43 deg
Wide
88 %
1.300
-
SLE G5 LES11
41 deg
Wide
86 %
1.400
-
SLE G5 LES15
47 deg
Wide
89 %
1.100
Bender Wirth: 433 Typ L5
SLE G6 LES15
sim: 49
Wide
sim: 92 % sim: 1.100 Bender Wirth: 433 Typ L5
SLE G6 LES17
sim: 48
Wide
sim: 92 % sim: 1.140 Bender Wirth: 433 Typ L5
SLE G6 LES10
sim: 48
Wide
sim: 91 % sim: 0.000 Bender Wirth: 434 Typ L5
DMC 124 / 125
45 deg
Wide
89 %
1.200
Bender Wirth: 433 Typ L5
DMC 128
49 deg
Wide
88 %
1.000
Bender Wirth: 433 Typ L5
May 23rd 2017 5:32 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com