Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3094 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button TP3094 Datasheet HTML 10Page - National Semiconductor (TI) TP3094 Datasheet HTML 11Page - National Semiconductor (TI) TP3094 Datasheet HTML 12Page - National Semiconductor (TI) TP3094 Datasheet HTML 13Page - National Semiconductor (TI) TP3094 Datasheet HTML 14Page - National Semiconductor (TI) TP3094 Datasheet HTML 15Page - National Semiconductor (TI) TP3094 Datasheet HTML 16Page - National Semiconductor (TI) TP3094 Datasheet HTML 17Page - National Semiconductor (TI) TP3094 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
www.national.com
Envelope delay distortion
Noise
Power supply rejection
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DXA
Transmit delay, absolute
f=1400Hz,
275
330
µS
DXR
Transmit delay, relative
to DXA
GXO=-10dBm0
f=500-600Hz
f=600-1000Hz
f=1000-2600Hz
f=2600-2800Hz
150
85
50
80
220
145
100
140
µs
µs
µs
µs
DRA
Receive delay, absolute
f=1400Hz,
112
220
µS
DRR
Receive delay, relative to
DRA
PCM level=-10dBm0
f=500-600Hz
f=600-1000Hz
f=1000-2600Hz
f=2600-2800Hz
f=2800-3000Hz
-40
-40
-15
-10
75
105
145
90
125
175
µs
µs
µs
µs
µs
NXP
Transmit Idle channel
noise, A-law
Psophometric weighted, PCM
code for all channels equals to
positive zero, FSX=FSR,
GXO=0Vrms
-73
-69
dBm0p
NXC
Transmit Idle channel
noise,
µ-law
C-message weighted, PCM code
for all channels equals to alternat-
ing positive and negative zeros,
FSX=FSR, GXO=0Vrms
12
16
dBrnC0
NRP
Receive Idle channel
noise, A-law
Psophometric weighted, PCM
code for all channels equals to
positive zero, FSX=FSR,
GXO=0Vrms
-83
-79
dBm0p
NRC
Receive Idle channel
noise,
µ-law
C-message weighted, PCM code
for all channels equals to alternat-
ing positive and negative zeros,
FSX=FSR, GXO=0Vrms
7
11
dBrnC0
NXR
Analog to Analog Noise
DX connected to DR, f=0-100kHz
FSX=FSR, GXO=0Vrms
-70
-53
dBm0
PPSRX
Positive power supply
rejection, transmit
PCM code for all channels equals
to positive zero, A-law, FSX=FSR,
GXO=0Vrms,
VCC=5.0V+100mVrms
f=0-4000Hz
f=4.6KHz-25KHz
40
40
45
45
dB
dB
PPSRR
Positive power supply
rejection, receive
PCM code for all channels equals
to positive zero, A-law, FSX=FSR,
GXO=0Vrms,
VCC=5.0V+100mVrms
f=0-4000Hz
f=4.6KHz-25KHz
40
40
45
45
dB
dB
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com