Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC21BINA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AM24LC21BINA
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BINA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM24LC21BINA Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC21BINA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jul 2, 2003
6/13
3.0 Bi-directional mode
The AM24LC21B can be switched into the
bi-directional mode (see Figure 3-1) by applying a
valid high to low transition on the bi-directional
mode clock (SCL). When the device has been
switched into the bi-directional mode, the VCLK
input is disregarded, with the exception that a logic
high level is required to enable write capability. This
mode supports a two wire bi-directional data
transmission protocol. In this protocol, a device that
sends data on the bus is defined to be the
transmitter, and a device that receives data from
the bus is defined to be the receiver. The bus must
be controlled by a master device that generates the
bi-directional mode clock (SCL), controls access to
the bus and generates the START and STOP
conditions, while the AM24LC21B acts as the slave.
Both master and slave can operate as transmitter
or receiver, but the master device determines which
mode is activated. Any high to low transition on the
SCL line will reset the count. If it sees a pulse count
of 128 on VCLK while the SCL line is idle, it will
revert back to the Transmit-Only Mode, and
transmit its contents starting with the most
significant bit in address 00h.(see Figure 3-1, 3-2)
3.1 Bi-directional mode bus characteristics
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is HIGH. Changes
in the data line while the clock line is HIGH will be
interpreted as a START or STOP condition.
Accordingly, the following bus conditions have
been defined (see Figure 3-3).
3.1.1 Bus not busy (A)
Both data and clock lines remain HIGH.
3.1.2 Start data transfer (B)
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition.
All commands must be preceded by a START
condition.
3.1.3 STOP data transfer (C)
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition.
All operations must be ended with a STOP
condition.
MODE
SCL
SDA
VCLK
VCLK count =
1
2
Transmit
Only
Bi-directional
Recovery to Transmit-Only Mode
TVHZ
3
4
127
128
Bit8
(MSB of data in 00h)
Figure 3-1. Mode transition
MODE
SCL
SDA
VCLK
n < 128
VCLK count =
1
2
n
0
S
1
0
1000
00
ACK
Transmit
Only Mode
Transition Mode with possibility to return to Transmit-Only Mode
Bi-directional
permanently
Figure 3-2. Successful Mode transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com