Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMF2815D Datasheet(PDF) 5 Page - International Rectifier

Part # AMF2815D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2815D Datasheet(HTML) 5 Page - International Rectifier

  AMF2815D Datasheet HTML 1Page - International Rectifier AMF2815D Datasheet HTML 2Page - International Rectifier AMF2815D Datasheet HTML 3Page - International Rectifier AMF2815D Datasheet HTML 4Page - International Rectifier AMF2815D Datasheet HTML 5Page - International Rectifier AMF2815D Datasheet HTML 6Page - International Rectifier AMF2815D Datasheet HTML 7Page - International Rectifier AMF2815D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMF28XXD SERIES
(28V Input, Dual Output)
5
2016-06-22
Radiation Specifications
Block Diagram
Application Information
Inhibit Function (Enable)
Connecting the enable input (Pin 1) to input common (Pin
7) will cause the converter to shut down. It is recommended
that the enable pin be driven by an open collector device
capable of sinking at least 400 µA of current. Because it is
internally pulled up, the open circuit voltage of the enable
input is 10 +1.0 VDC.
EMI Filter
An optional EMI filter is available (AFH461) that will reduce
the input ripple current to levels below the limits imposed
by MIL-STD-461 CE03. 
Device Synchronization
When multiple DC-DC converters are utilized in a single
system, significant low frequency noise may be generated
due to a small difference in the switching frequency of the
converters (beat frequency noise). Because of the low
frequency nature of this noise (typically less than 10
kHz), it is difficult to filter out and may interfere with proper
operation of sensitive systems (communication, radar or
telemetry). IR HiRel provides synchronization of multiple
AMF type converters to match switching frequency of the
converter to the frequency of the system clock, thus elimi-
nating this type of noise.
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
kRads (Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
MeV·cm2/mg
IR HiRel currently does not have a DLA certified Radiation Hardness Assurance Program.
3
4
+Output
Output
Return
Pulse Width
Modulator
Primary
Housekeeping
Supply
EMI
Filter
8
1
2
7
+Input
Enable
Sync
Input
Input
Return
FB
CS
Drive
5
- Output
6
Case
Error
Amp &
Ref



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com