Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4532 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4532
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4532 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4532 Datasheet HTML 1Page - Anpec Electronics Coropration APM4532 Datasheet HTML 2Page - Anpec Electronics Coropration APM4532 Datasheet HTML 3Page - Anpec Electronics Coropration APM4532 Datasheet HTML 4Page - Anpec Electronics Coropration APM4532 Datasheet HTML 5Page - Anpec Electronics Coropration APM4532 Datasheet HTML 6Page - Anpec Electronics Coropration APM4532 Datasheet HTML 7Page - Anpec Electronics Coropration APM4532 Datasheet HTML 8Page - Anpec Electronics Coropration APM4532 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2002
www.anpec.com.tw
3
APM4532
Notes
a : Guaranteed by design, not subject to production testing
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM4532
Symbol
Parameter
Test Condition
Min.
Typ. Max.
Unit
Dynamic
a

N-Ch
7
15
Qg

Total Gate Charge
P-Ch
8
15
N-Ch
4.7
Qgs

Gate-Source Charge
P-Ch
2
N-Ch
1.1
Qgd

Gate-Drain Charge
N-Channel
VDS=10V , IDS= 5A
VGS=4.5V

P-Channel
VDS=-10V , IDS=-3.5A
VGS=-4.5V

P-Ch
1
nC
N-Ch
10
15
td(ON)

Turn-on Delay Time
P-Ch
8
15
N-Ch
8
20
Tr

Turn-on Rise Time
P-Ch
7
20
N-Ch
20
28
td(OFF)
 Turn-off Delay Time
P-Ch
15
28
N-Ch
5
15
Tf

Turn-off Fall Time
N-Channel
VDD=10V , IDS=1A ,
VGEN=4.5V , RG=10
Ω
P-Channel
VDD=-10V , IDS=-1A ,
VGEN=-4.5V , RG=10
Ω

P-Ch
7
18
ns
N-Ch
376
Ciss

Input Capacitance
P-Ch
495
N-Ch
115
Coss

Output Capacitance
P-Ch
130
N-Ch
58
Crss

Reverse Transfer Capacitance
VGS=0V
VDS=15V
Frequency=1.0MHz
P-Ch
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com