Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL02 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLL02
Description  Ronda series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLL02 Datasheet(HTML) 4 Page - Cree, Inc

  CLL02 Datasheet HTML 1Page - Cree, Inc CLL02 Datasheet HTML 2Page - Cree, Inc CLL02 Datasheet HTML 3Page - Cree, Inc CLL02 Datasheet HTML 4Page - Cree, Inc CLL02 Datasheet HTML 5Page - Cree, Inc CLL02 Datasheet HTML 6Page - Cree, Inc CLL02 Datasheet HTML 7Page - Cree, Inc CLL02 Datasheet HTML 8Page - Cree, Inc CLL02 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
3/3
SIZE
A3
DRAWING TITLE
RONDA-family
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
TYPICAL CONNECTOR ASSEMBLY (including solderless BENDER WIRTH
as example)
1. Place pin on the side of the lens into relative
hole on the holder.
B
DET B
Pin
Holder hole
2. Press the lens under clips on the holder, ensuring both
clips are fixed.
Clip
Clip
Pin
OPTIC/HOLDER ASSEMBLY
1. Ensure correct relation of clamp and
connector before screwing. Recommended
torque 0.6Nm.
2. Assemble LED, BENDER&WIRTH connector
and C13658_CLAMP-VERO13-18 clamp on
heatsink with M3 screw.
3. Attach optic by aligning the holes in
the holder with hooks and turning the
optic holder clockwise until it locks.
Bender&Wirth model 4xx Typ L1
Align clamp positioning pin with holes
in the connector.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com