Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

eZ80F91 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # eZ80F91
Description  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button eZ80F91 Datasheet HTML 19Page - Zilog, Inc. eZ80F91 Datasheet HTML 20Page - Zilog, Inc. eZ80F91 Datasheet HTML 21Page - Zilog, Inc. eZ80F91 Datasheet HTML 22Page - Zilog, Inc. eZ80F91 Datasheet HTML 23Page - Zilog, Inc. eZ80F91 Datasheet HTML 24Page - Zilog, Inc. eZ80F91 Datasheet HTML 25Page - Zilog, Inc. eZ80F91 Datasheet HTML 26Page - Zilog, Inc. eZ80F91 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
PS026102-1207
Onboard Component Description
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
19
Figure 7 displays the bottom layer silk-screen of the Zdots.
Absolute Maximum Ratings
Stresses greater than those listed in Table 5 causes permanent damage to the device. These
ratings are stress ratings only. Operation of the device at any condition outside those indi-
cated in the operational sections of these specifications is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may affect device reliability. For
improved reliability, unused inputs must be tied to one of the supply voltages (VDD or
VSS).
Figure 7. Zdots Module—Bottom Layer
Table 5. Absolute Maximum Ratings
Parameter
Minimum Maximum
Units
Standard operating temperature
0
+70
ºC
Storage temperature
–45
+85
ºC
L1
C14
C15
C16
C17
C2
C23
C26
C27
C28
C29
C32
C33
C34
C35
C37
C38
C39
C4
C41
C44
C45
C46
C47
C48
C49
C5
C50
C51
C6
C7
C9
R1
R11
R12
R2
R26
R30
R31
R32
R33
R34
R35
R5
R7
R8
U9
MADE IN U.S.A.
Zilog FAB: 98C0879-001 REV A
1
DJP 2002
JP2
JP1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com