| Electronic Components Datasheet Search |
|
Z86L02 Datasheet(PDF) 22 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86L02 Datasheet(HTML) 22 Page - Zilog, Inc. |
|
22 / 37 page ![]() Z86C02/E02/L02 Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers Zilog 22 P R E L I M I N A R Y DS96DZ80301 FUNCTIONAL DESCRIPTION (Continued) Interrupts. The Z8 has five interrupts from four different sources. These interrupts are maskable and prioritized (Figure 16). The sources are divided as follows: the falling edge of P31 (AN1), P32 (AN2), P33 (REF), the rising edge of P32 (AN2), and one counter/timer. The Interrupt Mask Register globally or individually enables or disables the five interrupt requests (Table 5). When more than one interrupt is pending, priorities are re- solved by a programmable priority encoder that is con- trolled by the Interrupt Priority register. All Z8 interrupts are vectored through locations in program memory. When an Interrupt machine cycle is activated, an Interrupt Request is granted. This disables all subsequent interrupts, saves the Program Counter and Status Flags, and then branches to the program memory vector location reserved for that in- terrupt. This memory location and the next byte contain the 16-bit starting address of the interrupt service routine for that particular interrupt request. To accommodate polled interrupt systems, interrupt inputs are masked and the interrupt request register is polled to determine which of the interrupt requests needs service. User must select any Z86E08 mode in Zilog's C12 ICE- BOX™ emulator. The rising edge interrupt is not directly supported on the Z86CCP00ZEM emulator. Figure 15. Counter/Timers Block Diagram OSC ÷ 2 6-Bit Down Counter 8-Bit Down Counter PRE1 Initial Value Register T1 Initial Value Register T1 Current Value Register Clock Logic IRQ5 Internal Data Bus Write Write Read Internal Clock Gated Clock Triggered Clock T P31 External Clock Internal Clock ÷4 IN * Table 5. Interrupt Types, Sources, and Vectors Vector Name Source Location Comments IRQ0 AN2(P32) 0,1 External (F)Edge IRQ1 REF(P33) 2,3 External (F)Edge IRQ2 AN1(P31) 4,5 External (F)Edge IRQ3 AN2(P32) 6,7 External (R)Edge IRQ4 Reserved 8,9 Reserved IRQ5 T1 10,11 Internal Notes: F = Falling edge triggered R = Rising edge triggered |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |