Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-11018 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-11018
Description  Shield Landing Page
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11018 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-11018 Datasheet HTML 1Page - SparkFun Electronics DEV-11018 Datasheet HTML 2Page - SparkFun Electronics DEV-11018 Datasheet HTML 3Page - SparkFun Electronics DEV-11018 Datasheet HTML 4Page - SparkFun Electronics DEV-11018 Datasheet HTML 5Page - SparkFun Electronics DEV-11018 Datasheet HTML 6Page - SparkFun Electronics DEV-11018 Datasheet HTML 7Page - SparkFun Electronics DEV-11018 Datasheet HTML 8Page - SparkFun Electronics DEV-11018 Datasheet HTML 9Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
If you find that anything's missing, drop our customer service folks an email and they'll
help you out.
Next, you'll need to pull together the various tools that you need for assembly. All you
need to provide is a wire stripper, a soldering iron, and some solder. You may find it
handy to have a third hand tool or vise to hold the board steady while you solder.
Our beginner's tool kit has everything you need in one place.
Assembly:
Assembly of the RFM22 shield is quite easy. The hardest part is getting the headers
perpendicular to the board such that the shield plugs easily into Arduino boards, and
other shields can be plugged in on top of it.
Start by placing the four header strips in the appropriate locations, by number of pins.
The male pins should be sticking out on the side of the board with no components,
and the female sockets should be visible when looking down at the component side.
NB: at this point, if you have a known-good Arduino shield, you can plug it into the
female side of the headers to hold them at a favorable angle and skip straight to
soldering all the connections down. Be careful if you do that, though, because a small
alignment error in the "good" shield will become a much larger error on the one you're
soldering to now!
Flip the board over so the male pin side is up. This is the tricky part- the headers have
a tendency to rock left to right, so that the end up soldered at a non-right angle with
the board, which makes connecting other boards difficult or impossible. Tack down
one and only one pin on each header.
Page 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com