Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-12887 Datasheet(PDF) 12 Page - SparkFun Electronics

Part # DEV-12887
Description  Electric Imp Breakout Hookup Guide
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12887 Datasheet(HTML) 12 Page - SparkFun Electronics

Back Button DEV-12887 Datasheet HTML 8Page - SparkFun Electronics DEV-12887 Datasheet HTML 9Page - SparkFun Electronics DEV-12887 Datasheet HTML 10Page - SparkFun Electronics DEV-12887 Datasheet HTML 11Page - SparkFun Electronics DEV-12887 Datasheet HTML 12Page - SparkFun Electronics DEV-12887 Datasheet HTML 13Page - SparkFun Electronics DEV-12887 Datasheet HTML 14Page - SparkFun Electronics DEV-12887 Datasheet HTML 15Page - SparkFun Electronics DEV-12887 Datasheet HTML 16Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Green
Single
Pulse
Successfully received configuration via
Blinkup.
Red
Triple-pulse Failed to receive configuration via Blinkup.
Red
1 Hz
Attempting to connect to WiFi.
Red, Orange,
Off
1 Hz
Getting IP address (via DHCP).
Orange, Red,
Off
1 Hz
Got IP address, connecting to server.
Green
0.5 Hz
Connected to cloud (turns off after 60
seconds).
Red
2 Hz
Connection lost, attempting to reconnect.
None
Normal operation
Let’s make that LED blink green! Time to send a BlinkUp.
BlinkUp
To get your imp connected to your WiFi network as well as the online imp
servers, you need to go through the process Electric Imp calls
commissioning. There’s a great write-up on the commissioning process
over on Electric Imp’s Getting Started page. Here’s the gist of it, as well as
a few tips.
Before you begin, you’ll need to make an Electric Imp account by visiting
the IDE page.
Updating the imp with your WiFi credentials is a unique process. The imp
card has a built-in light sensor, looking out of the little window on the short,
flat edge of the imp. The imp002 has an external light sensor built into the
breakout board. The light-sensor can be used to process small amounts of
precisely modulated data in the form of a blinking light.
The light sensor is just behind the translucent window on the edge of the
imp card.
The light sensor on the imp002 is located to the left of the module, with the
lable “BU” (for BlinkUp).
To generate this blinking light, you need the Electric Imp app installed on
your smartphone (iOS or android). Go download that app if you haven’t
already!
Follow the directions in the app, and prepare to update the imp with your
WiFi network. Then, when your settings all look correct, hit the Send
BlinkUp button. Quickly place the screen of the phone as close to the imp’s
light sensor as possible.
Page 12 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com