Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3067V Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3067V
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3067V Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button TP3067V Datasheet HTML 10Page - National Semiconductor (TI) TP3067V Datasheet HTML 11Page - National Semiconductor (TI) TP3067V Datasheet HTML 12Page - National Semiconductor (TI) TP3067V Datasheet HTML 13Page - National Semiconductor (TI) TP3067V Datasheet HTML 14Page - National Semiconductor (TI) TP3067V Datasheet HTML 15Page - National Semiconductor (TI) TP3067V Datasheet HTML 16Page - National Semiconductor (TI) TP3067V Datasheet HTML 17Page - National Semiconductor (TI) TP3067V Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Definitions and Timing Conventions
DEFINITIONS
VIH
VIH is the dc input level above which
an input level is guaranteed to appear
as a logical one This parameter is to
be measured by performing a
functional test at reduced clock
speeds and nominal timing (ie not
minimum setup and hold times or
output strobes) with the high level of
all driving signals set to VIH and
maximum supply voltages applied to
the device
VIL
VIL is the dc input level below which
an input level is guaranteed to appear
as a logical zero to the device This
parameter is measured in the same
manner as VIH but with all driving
signal low levels set to VIL and
minimum supply voltages applied to
the device
VOH
VOH is the minimum dc output level
to which an output placed in a logical
one state will converge when loaded
at the maximum specified load current
VOL
VOL is the maximum dc output level
to which an output placed in a logical
zero state will converge when loaded
at the maximum specified load current
Threshold Region The threshold region is the range of
input voltages between VIL and VIH
Valid Signal
A signal is Valid if it is in one of the
valid logic states (ie above VIH or
below VIL) In timing specifiations a
signal is deemed valid at the instant it
enters a valid state
Invalid Signal
A signal is Invalid if it is not in a valid
logic state ie when it is in in the
threshold region between VIL and VIH
In timing specifications a signal is
deemed Invalid at the instant it enters
the threshold region
TIMING CONVENTIONS
For the purposes of this timing specification the following
conventions apply
Input Signals
All input signals may be characterized
as VL e 04V VH e 24V tR k 10 ns
tF k 10 ns
Period
The period of clock signal is
designated as tPxx where xx
represents the mnemonic of the clock
signal being specified
Rise Time
Rise times are designated as tRyy
where yy represents a mnemonic of
the signal whose rise time is being
specified tRyy is measured from VIL to
VIH
Fall Time
Fall times are designated as tFyy
where yy represents a mnemonic of
the signal whose fall time is being
specified tFyy is measured from VIH to
VIL
Pulse Width High
The high pulse width is designated as
tWzzH where zz represents the
mnemonic of the input or output signal
whose pulse width is being specified
High pulse widths are measured from
VIH to VIH
Pulse Width Low
The low pulse width is designated as
tWzzL where zz represents the
mnemonic of the input or output signal
whose pulse width is being specified
Low pulse widths are measured from
VIL to VIL
Setup Time
Setup times are designated as tSwwxx
where ww represents the mnemonic of
the input signal whose setup time is
being specified relative to a clock or
strobe input represented by mnemonic
xx Setup times are measured from the
ww Valid to xx Invalid
Hold Time
Hold times are designated as tHxxww
where ww represents the mnemonic of
the input signal whose hold time is
being specified relative to a clock or
strobe input represented by mnemonic
xx Hold times are measured from xx
Valid to ww Invalid
Delay Time
Delay times are designated as tDxxyy
Hi to Low where xx represents the
mnemonic of the input reference
signal and yy represents the
mnemonic of the output signal whose
timing is being specified relative to xx
The mnemonic may optionally be
terminated by an H or L to specify the
high going or low going transition of
the output signal Maximum delay
times are measured from xx Valid to yy
Valid Minimum delay times are
measured from xx Valid to yy Invalid
This parameter is tested under the
load conditions specified in the
Conditions column of the Timing
Specifications section of this data
sheet
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com