Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASTMUPLP Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASTMUPLP
Description  Harsh environment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPLP Datasheet(HTML) 6 Page - Abracon Corporation

  ASTMUPLP Datasheet HTML 1Page - Abracon Corporation ASTMUPLP Datasheet HTML 2Page - Abracon Corporation ASTMUPLP Datasheet HTML 3Page - Abracon Corporation ASTMUPLP Datasheet HTML 4Page - Abracon Corporation ASTMUPLP Datasheet HTML 5Page - Abracon Corporation ASTMUPLP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Unit: mm
Device Size
D0
D1 min.
E1
E2 min.
F
P0
P1
P2
3225
1.5+0.1/-
0.0
1.5
1.75±0.1
10.25
5.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05
5032
1.5+0.1/-
0.0
1.5
1.75±0.1
10.25
5.5±0.05
4.0±0.1
8.0±0.1
2.0±0.05
7050
1.5+0.1/-
0.0
1.5
1.75±0.1
14.25
7.5±0.1
4.0±0.1
8.0±0.1
2.0±0.1
Unit: mm
Device Size
T
T1 max.
T2 max.
W max.
A0
B0
K0
3225
0.6
0.1
1.65
12.3
2.8±0.10
3.5±0.10
1.10±0.10
5032
0.6
0.1
1.65
12.3
3.5±0.10
5.3±0.10
1.10±0.10
7050
0.6
0.1
1.80
16.3
5.4±0.10
7.4±0.10
1.3±0.10
TAPE & REEL:
Unit: mm
Tape Size
A max.
B min.
C
D min.
N
W1
W2 max.
12mm
180
1.5
13.0±0.2
20.2
60±0.5
12.4+2.0/-0
18.4
330
1.5
13.0±0.2
20.2
100±0.5
12.4+2.0/-0
18.4
16mm
180
1.5
13.0±0.2
20.2
60±0.5
16.4+2.0/-0
22.4
330
1.5
13.0±0.2
20.2
100±0.5
16.4+2.0/-0
22.4
Device Size
“T” (1k/reel)
“T3” (3k/reel)
3225
12mm Tape
7” Reel
12mm Tape
7” Reel
5032
12mm Tape
7” Reel
12mm Tape
13” Reel
7050
16mm Tape
7” Reel
16mm Tape
13” Reel
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ASTMUPLP
High Performance, Programmable LVPECL SMD MEMS Oscillator
ASTMUPLP
3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com