Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53353 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 18Page - Texas Instruments TPS53353_17 Datasheet HTML 19Page - Texas Instruments TPS53353_17 Datasheet HTML 20Page - Texas Instruments TPS53353_17 Datasheet HTML 21Page - Texas Instruments TPS53353_17 Datasheet HTML 22Page - Texas Instruments TPS53353_17 Datasheet HTML 23Page - Texas Instruments TPS53353_17 Datasheet HTML 24Page - Texas Instruments TPS53353_17 Datasheet HTML 25Page - Texas Instruments TPS53353_17 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
(
)
(
)
æ
ö
-
´
æ
ö
-
´
´
´
W
ç
÷
ç
÷
ç
÷
´ ´
è
ø
è
ø
W =
m
IN
OUT
OUT
OCP
DS(on)
SW
IN
TRIP
TRIP
V
V
V
1
I
32 R
m
2 L f
V
R
(k )
I
( A)
(
) ´
-
-
=
´
IND ripple
OUT
I
ESR
V
0.6
2
R1
R2
0.6
(
)
( )
´
´
-
´ ´
´
=
=
=
W
´
OUT
SW
SW
IND ripple
V
10mV (1 D)
10mV L f
L f
ESR
0.6 V I
0.6 V
60
22
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
4. CHOOSE THE OUTPUT CAPACITORS
When organic semiconductor capacitors or specialty polymer capacitors are used, for loop stability,
capacitance and ESR should satisfy Equation 6. For jitter performance, Equation 10 is a good starting point
to determine ESR.
where
D is the duty factor.
The required output ripple slope is approximately 10 mV per tSW (switching period) in terms of VFB terminal
voltage.
(10)
5. DETERMINE THE VALUE OF R1 AND R2
The output voltage is programmed by the voltage-divider resistor, R1 and R2 shown in Figure 37. R1 is
connected between VFB pin and the output, and R2 is connected between the VFB pin and GND.
Recommended R2 value is from 1 k
Ω to 20 kΩ. Determine R1 using Equation 11.
(11)
6. CHOOSE THE OVERCURRENT SETTING RESISTOR
The overcurrent setting resistor, RTRIP, can be determined by .
where
ITRIP is the TRIP pin sourcing current (10 µA).
RDS(on) is the thermally compensated on-time resistance value of the low-side MOSFET.
(12)
Use an RDS(on) value of 1.6 mΩ for an overcurrent level of approximately 20 A. Use an RDS(on) value of
1.7 m
Ω for overcurrent level of approximately 10 A.
8.2.1.3 Application Curves
Figure 39. Enable Turnon
Figure 40. Enable Turnoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com