Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC373M Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CD74HC373M
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD74HC373M Datasheet(HTML) 5 Page - NXP Semiconductors

  CD74HC373M Datasheet HTML 1Page - NXP Semiconductors CD74HC373M Datasheet HTML 2Page - NXP Semiconductors CD74HC373M Datasheet HTML 3Page - NXP Semiconductors CD74HC373M Datasheet HTML 4Page - NXP Semiconductors CD74HC373M Datasheet HTML 5Page - NXP Semiconductors CD74HC373M Datasheet HTML 6Page - NXP Semiconductors CD74HC373M Datasheet HTML 7Page - NXP Semiconductors CD74HC373M Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
CBT16211
24-bit bus switch with 12-bit output enables
2001 Jun 13
5
AC CHARACTERISTICS
GND = 0 V; tR; CL = 50 pF
SYMBOL
PARAMETER
FROM
TO
VCC = 5.0 V ±0.5 V
UNIT
SYMBOL
PARAMETER
(INPUT)
(OUTPUT)
Min
Max
UNIT
tpd
Propagation delay1
A or B
B or A
—
0.25
ns
ten
Output enable time
to High and Low level
OE
A or B
1.5
6.0
ns
tdis
Output disable time
from High and Low level
OE
A or B
1.5
6.0
ns
NOTE:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V.
INPUT
1.5 V
OUTPUT
tPLH
tPHL
SA00028
1.5 V
1.5 V
1.5 V
3 V
0 V
VOH
VOL
Waveform 1. Input (An) to Output (Yn) Propagation Delays
Output Control
(Low-level
enabling )
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
SA00029
1.5 V
1.5 V
1.5 V
0 V
3 V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Ω
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
Ω
From Output
Under Test
S1
7 V
Open
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com