Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2007IPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSC2007IPWR Datasheet HTML 10Page - Texas Instruments TSC2007IPWR Datasheet HTML 11Page - Texas Instruments TSC2007IPWR Datasheet HTML 12Page - Texas Instruments TSC2007IPWR Datasheet HTML 13Page - Texas Instruments TSC2007IPWR Datasheet HTML 14Page - Texas Instruments TSC2007IPWR Datasheet HTML 15Page - Texas Instruments TSC2007IPWR Datasheet HTML 16Page - Texas Instruments TSC2007IPWR Datasheet HTML 17Page - Texas Instruments TSC2007IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
R
TOUCH
+
R
X−plate
@ XPosition
4096
4096
Z
1
*1 *RY−plate @ 1*
Y
Position
4096
(2)
X-Position
MeasureX-Position
MeasureZ -Position
1
Touch
X+
Y+
X
-
Y
-
Z -Position
1
Touch
X+
Y+
Y
-
X
-
MeasureZ -Position
2
Z -Position
2
Touch
X+
Y+
Y
-
X
-
TSC2007
SBAS405A – MARCH 2007 – REVISED MARCH 2009...................................................................................................................................................... www.ti.com
The second method requires knowing both the X-plate and Y-plate resistance, measurement of X-position and
Y-position, and Z1. Equation 2 also calculates the touch resistance:
Figure 21. Pressure Measurement
When the touch panel is pressed or touched and the drivers to the panel are turned on, the voltage across the
touch panel often overshoots and then slowly settles down (decays) to a stable dc value. This effect is a result of
mechanical bouncing caused by vibration of the top layer sheet of the touch panel when the panel is pressed.
This settling time must be accounted for, or else the converted value is incorrect. Therefore, a delay must be
introduced between the time the driver for a particular measurement is turned on, and the time a measurement is
made.
In some applications, external capacitors may be required across the touch screen for filtering noise picked up by
the touch screen (for example, noise generated by the LCD panel or back-light circuitry). The value of these
capacitors provides a low-pass filter to reduce the noise, but creates an additional settling time requirement when
the panel is touched. The settling time typically shows up as gain error.
To solve this problem, the TSC2007 can be commanded to turn on the drivers only, without performing a
conversion. Time can then be allowed to perform a conversion before the command is issued.
The TSC2007 touch screen interface can measure position (X,Y) and pressure (Z).
14
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com