Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM117T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM117T
Description  (COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM117T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM117T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM117T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3 - 1
3.3
Three Terminal, Precision Adjustable
Positive Voltage Regulator In TO-257 Package
809R0
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE
ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
COM117T
FEATURES
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
DESCRIPTION
These three terminal positive regulators are supplied in hermetically sealed packages.
All protective features are designed into the circuit, including thermal shutdown,
current-limiting, and safe-area control. With heat sinking, these devices can deliver up
to 1.5 amps of output current. The unit also features output voltages that can be fixed
from 1.2 volts to 37 volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
TO-257............................. ...........................
. 20 W
Input - Output Voltage Differential.................................... 40
V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to +
150°C
Lead Temperature (Soldering 10 seconds) . . . ... . . . . . . . . . . . . . . . . . . . . . . . . . . .
300°C Thermal Resistance, Junction to Case:. . . . . . . .. . . . . . . . . . . . . . . . . . . . . . .
. . . . .4.2°C/W
MaximumOutputCurrent:.......... ...................................
.1.5 A
Recommended Operating Conditions:
Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.2 to 37 VDC
Ambient Operating Temperature Range (T
A). . . . . . . . . . . .. . . - 55°C to + 125°C
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.25 to 41.25 VDC


Similar Part No. - COM117T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM117HVT ETC-COM117HVT Datasheet
30Kb / 2P
COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
More results

Similar Description - COM117T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM137T ETC-COM137T Datasheet
18Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
COM7812 ETC-COM7812 Datasheet
42Kb / 4P
COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
COM117HVT ETC-COM117HVT Datasheet
30Kb / 2P
COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
COM140T ETC-COM140T Datasheet
52Kb / 4P
(COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
COM7905T ETC1-COM7905T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
SHD526030 ETC2-SHD526030 Datasheet
64Kb / 3P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526150 ETC2-SHD526150 Datasheet
254Kb / 5P
LINEAR VOLTAGE REGULATOR THREE TERMINAL-POSITIVE-ADJUSTABLE 3.0 Amp, Low Dropout Voltage TO-257 Hermetic Package
logo
Sensitron
OM1321ST SENSITRON-OM1321ST Datasheet
70Kb / 3P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com