| Electronic Components Datasheet Search |
|
CS5531 Datasheet(PDF) 38 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5531 Datasheet(HTML) 38 Page - Cirrus Logic |
|
38 / 52 page ![]() CS5531/32/33/34 38 DS289PP5 initialized, all the Setups point to their default settings irrespective of the conversion or calibration mode (i.e conversions can be performed, but only physical channel 1 will be converted). Further note that filter convolutions are reset (i.e. flushed) if consecutive conversions are performed on two different physical channels. If consecutive conversions are performed on the same physical channel, the filter is not reset. This allows the ADCs to more quickly settle full scale step inputs. 2.7. Using Multiple ADCs Synchronously Some applications require synchronous data out- puts from multiple ADCs converting different ana- log channels. Multiple CS5531/32/33/34 parts can be synchronized in a single system by using the fol- lowing guidelines: 1) All of the ADCs in the system must be operated from the same oscillator source. 2) All of the ADCs in the system must share com- mon SCLK and SDI lines. 3) A software reset must be performed at the same time for all of the ADCs after system power-up (by selecting all of the ADCs using their respective CS pins, and writing the reset sequence to all parts, us- ing SDI and SCLK). 4) A start conversion command must be sent to all of theADCsinthe system at thesametime. The± 8 clock cycles of ambiguity for the first conversion (or for a single conversion) will be the same for all ADCs, provided that they were all reset at the same time. 5) Conversions can be obtained by monitoring SDO on only one ADC, (bring CS high for all but one part) and reading the data out of each part indi- vidually, before the next conversion data words are ready. An example of a synchronous system using two CS5532 parts is shown in Figure 15. 2.8. Conversion Output Coding The CS5531/32/33/34 output 16-bit (CS5531/33) and 24-bit (CS5532/34) data conversion words. To read a conversion word the user must read the con- version data register. The conversion data register is 32 bits long and outputs the conversions MSB first. The last byte of the conversion data register contains data monitoring flags. The channel indica- tor (CI) bits keep track of which physical channel was converted and the overrange flag (OF) moni- tors to determine if a valid conversion was per- formed. Refer to the Conversion Data Output Descriptions section for more details. The CS5531/32/33/34 output data conversions in binary format when operating in unipolar mode and in two's complement when operating in bipolar mode. Tables 4 and 5 show the code mapping for both unipolar and bipolar mode. VFS in the tables refers to the positive full-scale voltage range of the converter in the specified gain range, and -VFS re- fers to the negative full-scale voltage range of the converter. The total differential input range (be- tween AIN+ and AIN-) is from 0 to VFS in unipo- lar mode, and from -VFS to VFS in bipolar mode. CLOCK SOURCE CS5532 CS5532 SDO SDI SCLK CS OSC2 SDO SDI SCLK CS OSC2 µC Figure 15. Synchronizing Multiple ADCs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |