Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5532-AS Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 12Page - Cirrus Logic CS5532-AS Datasheet HTML 13Page - Cirrus Logic CS5532-AS Datasheet HTML 14Page - Cirrus Logic CS5532-AS Datasheet HTML 15Page - Cirrus Logic CS5532-AS Datasheet HTML 16Page - Cirrus Logic CS5532-AS Datasheet HTML 17Page - Cirrus Logic CS5532-AS Datasheet HTML 18Page - Cirrus Logic CS5532-AS Datasheet HTML 19Page - Cirrus Logic CS5532-AS Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
CS5531/32/33/34
16
DS289PP5
ter can be manipulated by the user to mimic the
function of a DAC if desired.
2.2. Overview of ADC Register Structure
and Operating Modes
The CS5531/32/33/34 ADCs have an on-chip con-
troller, which includes a number of user-accessible
registers. The registers are used to hold offset and
gain calibration results, configure the chip's operat-
ing modes, hold conversion instructions, and to
store conversion data words. Figure 6 depicts a
block diagram of the on-chip controller’s internal
registers.
Each of the converters has 32-bit registers to func-
tion as offset and gain calibration registers for each
channel. The converters with two channels have
two offset and two gain calibration registers, the
converters with four channels have four offset and
four gain calibration registers. These registers hold
calibration results. The contents of these registers
can be read or written by the user. This allows cal-
ibration data to be off-loaded into an external EE-
PROM. The user can also manipulate the contents
of these registers to modify the offset or the gain
slope of the converter.
The converters include a 32-bit configuration reg-
ister which is used for setting options such as the
power down modes, resetting the converter, short-
ing the analog inputs, and enabling diagnostic test
bits like the guard signal.
A group of registers, called Channel Setup Regis-
ters, are used to hold pre-loaded conversion in-
structions. Each channel setup register is 32 bits
long, and holds two 16-bit conversion instructions
referred to as Setups. Upon power up, these regis-
ters can be initialized by the system microcontrol-
ler with conversion instructions. The user can then
instruct the converter to perform single or multiple
conversions or calibrations with the converter in
the mode defined by one of these Setups.
Offset 1 (1 x 32)
Offset 2 (1 x 32)
Offset 3 (1 x 32)
Offset 4 (1 x 32)
Gain1(1 x 32)
Gain2(1 x 32)
Gain3(1 x 32)
Gain4(1 x 32)
Setup 1
(1 x 16)
Setup 2
(1 x 16)
Setup 4
(1 x 16)
Setup 6
(1 x 16)
Setup 8
(1 x 16)
Setup 3
(1 x 16)
Setup 5
(1 x 16)
Setup 7
(1 x 16)
Offset Registers (4 x 32)
Gain R egisters (4 x 32)
Channel Setup
Registers (4 x 32)
Conversion Data
Register (1 x 32)
Con figuration Register (1 x 32)
Power S ave Select
Reset System
Input Short
Guard Signal
Voltage Reference Select
Output Latch
Output Latch Select
Channel Select
Gain
Word Rate
Unipolar/Bipolar
Output Latch
Delay Time
Open Circuit Detect
CS
SDI
SDO
SCLK
Com mand
Register (1 × 8)
Serial
Interface
Data (1 x 32)
Offset/Gain Select
Filter Rate Select
Offset/Gain Pointer
Figure 6. CS5531/32/33/34 Register Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com