Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9421 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9421 Datasheet HTML 1Page - Vishay Siliconix DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DG9421/DG9422
Vishay Siliconix
www.vishay.com
2
Document Number: 70679
S-21424—Rev. C, 26-Aug-02
ABSOLUTE MAXIMUM RATINGS
V+ to V-
-0.3 TO 13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND to V-
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V
IN
a, VS, VD
-0.3 to (V+ +0.3 V) or 50 mA, whichever occurs first
. . . . . . . . .
Continuous Current (Any Terminal)
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D (Pulsed 1 ms, 10% Duty Cycle)
100 mA
. . . . . . . . . . . .
Storage Temperature
-65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
6-Pin TSOPc
570 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 7 mW/
_C above 25_C
SPECIFICATIONSa (SINGLE SUPPLY 12 V)
Test Conditions Unless Specified
Limits
-40 to 85
_C
Parameter
Symbol
V+ = 12 V, V- = 0 V
VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangea
VANALOG
Full
0
12
V
Drain-Source
On-Resistance
rDS(on)
V+ = 10.8 V, V- = 0 V
IS = 5 mA, VD = 2/9 V
Room
Full
2.0
3
3.4
W
Switch Off
IS(off)
Room
Full
-1
-10
1
10
Switch Off
Leakage Current
ID(off)
VD = 1/11 V, VS = 11/1 V
Room
Full
-1
-10
1
10
nA
Channel On
Leakage Current
ID(on)
VS = VD = 11/1 V
Room
Full
-1
-10
1
10
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.8 V
Full
-1
0.02
1
m
Input Current, VIN High
IIH
VIN Under Test = 2.4 V
Full
-1
0.02
1
mA
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 W, CL = 35 pF
Room
Full
20
45
49
Turn-Off Timee
tOFF
RL = 300 W, CL = 35 pF
VS = 5 V See Figure 2
Room
Full
25
47
59
ns
Charge Injectione
Q
Vg = 0 V, Rg = 0 W, CL = 1 nF
Room
0.8
pC
Off Isolatione
OIRR
RL = 50 W, CL = 5 pF,
f = 1 MHz
Room
-60
dB
Source Off Capacitancee
CS(off)
Room
31
Drain Off Capacitancee
CD(off)
f = 1 MHz
Room
30
pF
Channel On Capacitancee
CD(on)
Room
71
Power Supplies
Positive Supply Current
I+
Room
Full
0.02
1
5
Negative Supply Current
I-
VIN = 0 or 12 V
Room
Full
-1
-5
-0.002
mA
Ground Current
IGND
Room
Full
-1
-5
-0.002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com