Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500H Datasheet(PDF) 4 Page - STMicroelectronics

Part # DMV1500H
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500H Datasheet(HTML) 4 Page - STMicroelectronics

  DMV1500H Datasheet HTML 1Page - STMicroelectronics DMV1500H Datasheet HTML 2Page - STMicroelectronics DMV1500H Datasheet HTML 3Page - STMicroelectronics DMV1500H Datasheet HTML 4Page - STMicroelectronics DMV1500H Datasheet HTML 5Page - STMicroelectronics DMV1500H Datasheet HTML 6Page - STMicroelectronics DMV1500H Datasheet HTML 7Page - STMicroelectronics DMV1500H Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMV1500H
4/8
Figure
5:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 6: Non repetitive peak forward current
versus overload duration (damper diode)
Figure 7: Non repetitive peak forward current
versus overload duration (modulation diode)
Figure 8: Reverse recovery charges versus
dIF/dt (damper diode)
Figure 9: Reverse recovery charges versus
dIF/dt (modulation diode)
Figure 10: Peak reverse recovery current
versus dIF/dt (damper diode)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z/R
th(j-c)
th(j-c)
t (s)
p
DAMPER diode
MODULATION diode
Single pulse
0
5
10
15
20
25
30
35
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
T =25°C
C
T =75°C
C
T =125°C
C
t(s)
IM
t
δ=0.5
0
5
10
15
20
25
30
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
T =25°C
C
T =75°C
C
T =125°C
C
t(s)
IM
t
δ=0.5
0
200
400
600
800
1000
1200
0.1
1.0
10.0
Q (nC)
rr
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
0
50
100
150
200
0.1
1.0
10.0
100.0
Q (nC)
rr
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
1.0
10.0
I
(A)
RM
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com