Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BI Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8745BI Datasheet HTML 1Page - Integrated Device Technology ICS8745BI Datasheet HTML 2Page - Integrated Device Technology ICS8745BI Datasheet HTML 3Page - Integrated Device Technology ICS8745BI Datasheet HTML 4Page - Integrated Device Technology ICS8745BI Datasheet HTML 5Page - Integrated Device Technology ICS8745BI Datasheet HTML 6Page - Integrated Device Technology ICS8745BI Datasheet HTML 7Page - Integrated Device Technology ICS8745BI Datasheet HTML 8Page - Integrated Device Technology ICS8745BI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
2
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2,
12, 29
SEL0, SEL1,
SEL2 SEL3
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
3
CLK0
Input
Pulldown
Non-inverting differential clock input.
4
nCLK0
Input
Pullup
Inverting differential clock input.
5
CLK1
Input
Pulldown
Non-inverting differential clock input.
6
nCLK1
Input
Pullup
Inverting differential clock input.
7
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK1,nCLK1. When LOW, selects CLK0,
nCLK0. LVCMOS / LVTTL interface levels.
8
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS / LVTTL interface levels.
9, 32
VDD
Power
Core supply pins.
10
FBIN
Input
Pullup
Inverting differential feedback input to phase detector for regenerating clocks with
“Zero Delay.”
11
FBIN
Input
Pulldown
Non-inverted differential feedback input to phase detector for regenerating clocks
with “Zero Delay.”
13, 19, 25
GND
Power
Power supply ground.
14, 15
nQ0/Q0
Output
Differential output pair. LVDS interface levels.
16, 22, 28
VDDO
Power
Output supply pins.
17, 18
nQ1/Q1
Output
Differential output pair. LVDS interface levels.
20, 21
nQ2/Q2
Output
Differential output pair. LVDS interface levels.
23, 24
nQ3/Q3
Output
Differential output pair. LVDS interface levels.
26, 27
nQ4/Q4
Output
Differential output pair. LVDS interface levels.
30
VDDA
Power
Analog supply pin.
31
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com