Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8311N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8311N
Description  DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8311N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8311N Datasheet HTML 1Page - National Semiconductor (TI) DP8311N Datasheet HTML 2Page - National Semiconductor (TI) DP8311N Datasheet HTML 3Page - National Semiconductor (TI) DP8311N Datasheet HTML 4Page - National Semiconductor (TI) DP8311N Datasheet HTML 5Page - National Semiconductor (TI) DP8311N Datasheet HTML 6Page - National Semiconductor (TI) DP8311N Datasheet HTML 7Page - National Semiconductor (TI) DP8311N Datasheet HTML 8Page - National Semiconductor (TI) DP8311N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics DP7310DP8310 VCC e 45V TA eb55 Cto a125 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0
High to Low Propagation Delay
(Figure 1)
40
120
ns
Write Enable Input to Output
tpd1
Low to High Propagation Delay
(Figure 1)
70
150
ns
Write Enable Input to Output
tSETUP
Minimum Set-Up Time
tHOLD e 0ns
45
20
ns
Data in to Write Enable Input
(Figure 1)
tpWH
Minimum Write Enable Pulse
(Figure 1)
60
25
ns
tpWL
Width
tTHL
High to Low Output Transition Time
(Figure 1)
16
35
ns
tTLH
Low to High Output Transition Time
(Figure 1)
38
70
ns
CIN
‘‘N’’ Package (Note 4)
5
15
pF
AC Electrical Characteristics DP7311DP8311 VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0
High to Low Propagation Delay
(Figure 2)
30
60
ns
Data In to Output
tpd1
Low to High Propagation Delay
(Figure 2)
70
100
ns
Data to Output
tSETUP
Minimum Set-Up Time
tHOLD e 0ns
0
b
25
ns
Data in to Strobe Input
(Figure 2)
tpWL
Minimum Strobe Enable Pulse Width
(Figure 2)
60
35
ns
tpdC
Propagation Delay Clear to Data Output
(Figure 2)
70
135
ns
tpWC
Minimum Clear Input Pulse Width
(Figure 2)
60
25
ns
tTHL
High to Low Output Transition Time
(Figure 2)
20
35
ns
tTLH
Low to High Output Transition Time
(Figure 2)
38
60
ns
CIN
Input CapacitanceAny Input
(Note 4)
5
15
pF
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DP7310DP7311 and across the 0 Cto a70 C
for the DP8310DP8311 All typical values are for TA e25 C VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted
Note 4
Input capacitance is guaranteed by periodic testing fTEST e 10 kHz at 300 mV TA e 25 C
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com