Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2148G Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2148G Datasheet HTML 18Page - Dallas Semiconductor DS2148G Datasheet HTML 19Page - Dallas Semiconductor DS2148G Datasheet HTML 20Page - Dallas Semiconductor DS2148G Datasheet HTML 21Page - Dallas Semiconductor DS2148G Datasheet HTML 22Page - Dallas Semiconductor DS2148G Datasheet HTML 23Page - Dallas Semiconductor DS2148G Datasheet HTML 24Page - Dallas Semiconductor DS2148G Datasheet HTML 25Page - Dallas Semiconductor DS2148G Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
DS2148/Q48
22 of 75
HARDWARE MODE PINOUT (BIS1 = 1, BIS0 = 1) Figure 4-3
5. HARDWARE MODE
In hardware mode (BIS1 = 1, BIS0 = 1), pins 1-19, 23, 25, 31, and 44 are redefined to be used for
initializing the DS2148. BPCLK (pin 31) defaults to a 16.384MHz output when in hardware mode. The
RCL/LOTC (pin 25) is designated to RCL when in hardware mode. JABDS (CCR4.2) defaults to logic
0. The RHBE (CCR2.3) and THBE (CCR2.2) control bits are combined and controlled by HBE at pin 11
while the RSCLKE (CCR5.3) and TSCLKE (CCR5.2) bits are combined and controlled by SCLKE at
pin 4. TCES (CCR2.1) and RCES (CCR2.0) are combined and controlled by CES at pin 12. The
transmitter functions are combined and controlled by TX1 (pin 15) and TX0 (pin 14). LOOP1 (pin 17)
and LOOP0 (pin 16) control the loopback functions. All other control bits default to the logic 0 setting.
1 EG L
2 ETS
3 NRZE
4 SCLKE
5 L2
6 L1
7 L0
8 DJA
9 JAMUX
10 JAS
11 HBE
BIS1 33
BIS0 32
BPCLK 31
MCLK 30
HRST* 29
RRING 28
RTIP 27
TEST 26
RCL 25
PBEO 24
RT1 23
DS2148
Hardware
Operation
tie high
tie high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com