Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS220 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SS220
Description  2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS220 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SS220 Datasheet HTML 1Page - Nanjing International Group Co SS220 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Instantaneous Forward Voltage at 2.0A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
2.0
50
0.5
20
70
-65
+125
-65
+150
-65
+150
A
A
V
mA
mA
pF
SS22 THRU SS22
0
UNITS
Typical Thermal Resistance RqJA (Note 2)
SS22 SS23
SS24 SS26 SS28 SS210 SS215 SS220
0.55
0.70
0.85
170
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
VOLTAGE RANGE
20 to 200 Volts
CURRENT
2.0 Ampere
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
C
C
C/W
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
V
V
20
30
40
6
0
8
0
100
150
200
20
30
40
60
80
100
150
200
14
21
28
42
56
70
105
140
*BothnormalandPbfree productareavailable:
*Normal:80~95%Sn,5~20%Pb
*Pbfree:99SnabovecanmeetRohsenviromentsubstance
directiverequest
Dimensions in inches and (millimeters)
DO-214AA(SMB)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.111(2.84)
.091(2.33)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.


Similar Part No. - SS220

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SS220 GXELECTRONICS-SS220 Datasheet
335Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFLER
logo
Goodwork Semiconductor ...
SS220 GWSEMI-SS220 Datasheet
62Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS220 DGNJDZ-SS220 Datasheet
182Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SS220 JINGHENG-SS220 Datasheet
46Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SS220 NIUHANG-SS220 Datasheet
14Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS220

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS210A-100V-SMAF DGNJDZ-SS210A-100V-SMAF Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK22 BYTESONIC-SK22 Datasheet
649Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/5/23
SK22 BYTESONIC-SK22_V02 Datasheet
249Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2018/8/9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com