Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2802M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2802M
Description  Low-Power BiCMOS Current-Mode PWM Controllers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2802M Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC2802M Datasheet HTML 17Page - Texas Instruments UCC2802M Datasheet HTML 18Page - Texas Instruments UCC2802M Datasheet HTML 19Page - Texas Instruments UCC2802M Datasheet HTML 20Page - Texas Instruments UCC2802M Datasheet HTML 21Page - Texas Instruments UCC2802M Datasheet HTML 22Page - Texas Instruments UCC2802M Datasheet HTML 23Page - Texas Instruments UCC2802M Datasheet HTML 24Page - Texas Instruments UCC2802M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Full Cycle
Soft Start
0.5 V
R
R
S
S
Q
Q
4 V
Ref
OK
VCC
OK
Over-Current
1.5 V
Leading Edge
Blanking
CS
3
FB
COMP
2
1
REF/2
t
= 5 ms
21
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
amp output (COMP) to rise. When COMP gets high enough to enable the output, another fault occurs, latching
off the PWM output, but the soft-start capacitor still continues to rise to 4 V before being discharged and
permitting start of a new cycle. This means that for a severe fault, successive retries is spaced by the time
required to fully charge the soft-start capacitor. TI recommends low leakage transformer designs in high-
frequency applications to activate the overcurrent protection feature. Otherwise, the switch current may not ramp
up sufficiently to trigger the overcurrent comparator within the leading edge blanking duration. This condition
would cause continual cyclical triggering of the cycle-by-cycle current limit comparator but not the overcurrent
comparator. This would result in brief high power dissipation durations in the main converter at the switching
frequency. The intent of the overcurrent comparator is to reduce the effective retry rate under these conditions to
a few milliseconds, thus significantly lowering the short-circuit power dissipation of the converter.
Figure 28. Detailed Block Diagram for Overcurrent Protection
Figure 29. IC Behavior at Repetitive Fault
9.3.13 Soft Start
Internal soft starting of the PWM output is accomplished by gradually increasing error amplifier (E/A) output
voltage. When used in current mode control, this implementation slowly raises the peak switch current each
PWM cycle in comparison, forcing a controlled start-up. In voltage mode (duty cycle) control, this feature
continually widens the pulse width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com