Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740FDW
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7740FDW Datasheet(HTML) 2 Page - Texas Instruments

  ISO7740FDW Datasheet HTML 1Page - Texas Instruments ISO7740FDW Datasheet HTML 2Page - Texas Instruments ISO7740FDW Datasheet HTML 3Page - Texas Instruments ISO7740FDW Datasheet HTML 4Page - Texas Instruments ISO7740FDW Datasheet HTML 5Page - Texas Instruments ISO7740FDW Datasheet HTML 6Page - Texas Instruments ISO7740FDW Datasheet HTML 7Page - Texas Instruments ISO7740FDW Datasheet HTML 8Page - Texas Instruments ISO7740FDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
ISO7740, ISO7741, ISO7742
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 7
6.5
Power Rating............................................................. 7
6.6
Insulation Specifications .......................................... 8
6.7
Safety-Related Certifications..................................... 9
6.8
Safety Limiting Values .............................................. 9
6.9
Electrical Characteristics—5-V Supply ................... 10
6.10
Supply Current Characteristics—5-V Supply ........ 11
6.11
Electrical Characteristics—3.3-V Supply .............. 12
6.12
Supply Current Characteristics—3.3-V Supply ..... 13
6.13
Electrical Characteristics—2.5-V Supply .............. 14
6.14
Supply Current Characteristics—2.5-V Supply ..... 15
6.15
Switching Characteristics—5-V Supply................. 16
6.16
Switching Characteristics—3.3-V Supply.............. 16
6.17
Switching Characteristics—2.5-V Supply.............. 17
6.18
Insulation Characteristics Curves ......................... 18
6.19
Typical Characteristics .......................................... 19
7
Parameter Measurement Information ................ 21
8
Detailed Description ............................................ 23
8.1
Overview ................................................................. 23
8.2
Functional Block Diagram ....................................... 23
8.3
Feature Description................................................. 24
8.4
Device Functional Modes........................................ 25
9
Application and Implementation ........................ 26
9.1
Application Information............................................ 26
9.2
Typical Application .................................................. 26
10
Power Supply Recommendations ..................... 28
11
Layout................................................................... 29
11.1
Layout Guidelines ................................................. 29
11.2
Layout Example .................................................... 29
12
Device and Documentation Support ................. 30
12.1
Documentation Support ........................................ 30
12.2
Related Links ........................................................ 30
12.3
Receiving Notification of Documentation Updates 30
12.4
Community Resources.......................................... 30
12.5
Trademarks ........................................................... 30
12.6
Electrostatic Discharge Caution ............................ 30
12.7
Glossary ................................................................ 31
13
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (December 2016) to Revision D
Page
•
Updated the Safety-Related Certifications table..................................................................................................................... 9
•
Changed the minimum CMTI from 40 to 85 in all Electrical Characteristics tables ............................................................ 10
Changes from Revision B (October 2016) to Revision C
Page
•
Changed the Regulatory Information table to Safety-Related Certifications and updated content. ....................................... 9
•
Changed the certifications from planned to certified in the Safety-Related Certifications table............................................. 9
Changes from Revision A (June 2016) to Revision B
Page
•
Changed Feature From: High CMTI: ±75 kV/μs Typical To: High CMTI: ±100 kV/μs Typical ............................................... 1
•
Changed Feature From: All Certifications are Planned To: 'VDE, UL, and TUV Certifications for DW Package
Complete; All Other Certifications are Planned ...................................................................................................................... 1
•
Changed the unit value of CLR and CPG From: μm To: mm in Insulation Specifications .................................................... 8
•
Changed From: "Plan to certify" To: "Certified" in column VDE of Safety-Related Certifications .......................................... 9
•
Added a conditions statement to Safety-Related Certifications ............................................................................................ 9
•
Changed From: "Plan to certify" To: "Certified" in column UL of Safety-Related Certifications ............................................. 9
•
Changed From: "Plan to certify" To: "Certified" in column TUV of Safety-Related Certifications .......................................... 9
•
Changed From: "Certification Planned" To: 'Certificate number: 40040142" in column VDE of Safety-Related
Certifications ........................................................................................................................................................................... 9
•
Changed From: "Certification Planned" To: "File number: E181974" in column VDE of Safety-Related Certifications......... 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com