Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDD1502RH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDD1502RH
Description  Single N-channel Trench MOSFET 30V, 45.7A, 8.5m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD1502RH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDD1502RH Datasheet HTML 1Page - MagnaChip Semiconductor. MDD1502RH Datasheet HTML 2Page - MagnaChip Semiconductor. MDD1502RH Datasheet HTML 3Page - MagnaChip Semiconductor. MDD1502RH Datasheet HTML 4Page - MagnaChip Semiconductor. MDD1502RH Datasheet HTML 5Page - MagnaChip Semiconductor. MDD1502RH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May. 2011. Version 1.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC
ID
45.7
A
TC=70
oC
36.6
TA=25
oC
20.4
(3)
TA=70
oC
16.3
(3)
Pulsed Drain Current
IDM
100
A
Power Dissipation
TC=25
oC
PD
31.2
W
TC=70
oC
20.0
TA=25
oC
6.2
(3)
TA=70
oC
4.0
(3)
Single Pulse Avalanche Energy
(2)
EAS
47
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
20.0
oC/W
Thermal Resistance, Junction-to-Case
RθJC
4.0
MDD1502
Single N-channel Trench MOSFET 30V, 45.7A, 8.5m
D
G
S
Features
VDS = 30V
ID = 45.7A @VGS = 10V
RDS(ON) (MAX)
< 8.5m
@VGS = 10V
< 13.0m
@VGS = 4.5V
100% UIL Tested
100% Rg Tested
General Description
The MDD1502 uses advanced MagnaChip’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality.
MDD1502 is suitable device for DC to DC
converter and general purpose applications.


Similar Part No. - MDD1502RH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDD1502RH VBSEMI-MDD1502RH Datasheet
1,018Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - MDD1502RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDIS1502 MGCHIP-MDIS1502 Datasheet
699Kb / 5P
Single N-channel Trench MOSFET 30V, 45.7A, 8.5m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
MDS1527 MGCHIP-MDS1527 Datasheet
740Kb / 5P
Single N-channel Trench MOSFET 30V, 13.1A, 15.9m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com