Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMZ5256 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMMZ5256
Description  SOT23 SILICON VOLTAGE REGULATOR DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FMMZ5256 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMMZ5256 Datasheet HTML 1Page - List of Unclassifed Manufacturers FMMZ5256 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMMZ5232
to
FMMZ5257
PAGE NO

!
SOT23 SILICON VOLTAGE
REGULATOR DIODES
ISSUE 2 - SEPTEMBER 1995 7
PIN CONFIGURATION
PARTMARKING DETAILS:
FMMZ5232
8G
FMMZ5245
8V
FMMZ5233
8H
FMMZ5246
8W
FMMZ5234
8J
FMMZ5247
8X
FMMZ5235
8K
FMMZ5248
8Y
FMMZ5236
8L
FMMZ5249
8Z
FMMZ5237
8M
FMMZ5250
81A
FMMZ5238
8N
FMMZ5251
81B
FMMZ5239
8P
FMMZ5252
81C
FMMZ5240
8Q
FMMZ5253
81D
FMMZ5241
8R
FMMZ5254
81E
FMMZ5242
8S
FMMZ5255
81F
FMMZ5243
8T
FMMZ5256
81G
FMMZ5244
8U
FMMZ5257
81H
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Voltage Range
VZ
5.6 to 33
V
Nominal Tolerance
C*
±
5%
%
Forward Current
IF
250
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
* As per Pro-Electron coding system
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
Type No
Nominal
Zener
Voltage
VZ@IZT
V
Test
Current
IZT
mA
Max. Zener
Impedance
Max. Reverse Leakage Current Max. Zener
Voltage
temperature
coefficient
VZ(%/°C)
ZZT@ IZT
Ω
ZZT@ IZK
=0.25mAΩ
IR @
µ
A
VR
VOLTS
(A)
VR
VOLTS
(B)
FMMZ5232
5.6
20
11
1600
5
2.9
3
+0.038
FMMZ5233
6
20
7
1600
5
3.3
3.5
+0.038
FMMZ5234
6.2
20
7
1000
5
3.8
4
+0.045
FMMZ5235
6.8
20
5
750
3
4.8
5
+0.050
FMMZ5236
7.5
20
6
500
3
5.7
6
+0.058
FMMZ5237
8.2
20
8
500
3
6.2
6.5
+0.062
FMMZ5238
8.7
20
8
600
3
6.2
6.5
+0.065
FMMZ5239
9.1
20
10
600
3
6.7
7
+0.068
FMMZ5240
10
20
17
600
3
7.6
8
+0.075
FMMZ5241
11
20
22
600
2
8
8.4
+0.076
FMMZ5242
12
20
30
600
1
8.7
9.1
+0.077
FMMZ5243
13
9.5
13
600
0.5
9.4
9.9
+0.079
FMMZ5244
14
9
15
600
0.1
9.5
10
+0.082
FMMZ5245
15
8.5
16
600
0.1
10.5
11
+0.082
FMMZ5246
16
7.8
17
600
0.1
11.4
12
+0.083
FMMZ5247
17
7.4
19
600
0.1
12.4
13
+0.084
FMMZ5248
18
7
21
600
0.1
13.3
14
+0.085
FMMZ5249
19
6.6
23
600
0.1
13.3
14
+0.086
FMMZ5250
20
6.2
25
600
0.1
14.3
15
+0.086
FMMZ5251
22
5.6
29
600
0.1
16.2
17
+0.087
FMMZ5252
24
5.2
33
600
0.1
17.1
18
+0.088
FMMZ5253
25
5
35
600
0.1
18.1
19
+0.089
FMMZ5254
27
4.6
41
600
0.1
20
21
+0.090
FMMZ5255
28
4.5
44
600
0.1
20
21
+0.091
FMMZ5256
30
4.2
49
600
0.1
22
23
+0.091
FMMZ5257
33
3.8
58
700
0.1
24
25
+0.092
VF=1.1V max. @ IF=200mA for all types
FMMZ5232
to
FMMZ5257
1
3
2
SOT23


Similar Part No. - FMMZ5256

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMM-22R SANKEN-FMM-22R Datasheet
21Kb / 1P
Rectifier Diodes
FMM-22S SANKEN-FMM-22S Datasheet
21Kb / 1P
Rectifier Diodes
FMM-24R SANKEN-FMM-24R Datasheet
21Kb / 1P
Rectifier Diodes
FMM-24S SANKEN-FMM-24S Datasheet
21Kb / 1P
Rectifier Diodes
FMM-26R SANKEN-FMM-26R Datasheet
21Kb / 1P
Rectifier Diodes
More results

Similar Description - FMMZ5256

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC830 ZETEX-ZC830 Datasheet
19Kb / 2P
SOT23 SILICON VARIABLE CAPACITANCE DIODES
BZV49 ZETEX-BZV49 Datasheet
16Kb / 2P
SOT89 SILICON PLANAR VOLTAGE REGULATOR DIODES
FMMV2101 ZETEX-FMMV2101 Datasheet
48Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
BZX84 ZETEX-BZX84 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
FMMV2108 ZETEX-FMMV2108 Datasheet
58Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
TRANSYS Electronics Lim...
BZX84C TEL-BZX84C Datasheet
50Kb / 3P
SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
New Jersey Semi-Conduct...
1N3506 NJSEMI-1N3506 Datasheet
119Kb / 1P
SILICON VOLTAGE-REGULATOR DIODES
logo
Diodes Incorporated
BAT54TA DIODES-BAT54TA Datasheet
113Kb / 2P
SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
SEPTEMBER 1995
logo
List of Unclassifed Man...
FMMV2101TA ETC2-FMMV2101TA Datasheet
52Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
Diodes Incorporated
BAT54SRS DIODES-BAT54SRS_15 Datasheet
113Kb / 2P
SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
SEPTEMBER 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com