Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4075BM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4075BM1
Description  TRIPLE 3 INPUT OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4075BM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4075BM1 Datasheet HTML 1Page - STMicroelectronics HCF4075BM1 Datasheet HTML 2Page - STMicroelectronics HCF4075BM1 Datasheet HTML 3Page - STMicroelectronics HCF4075BM1 Datasheet HTML 4Page - STMicroelectronics HCF4075BM1 Datasheet HTML 5Page - STMicroelectronics HCF4075BM1 Datasheet HTML 6Page - STMicroelectronics HCF4075BM1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2001
s
MEDIUM SPEED OPERATION :
tPD = 60ns (TYP.) at VDD = 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4075B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4075B TRIPLE 3 INPUT OR GATE
provides
the
system
designer
with
direct
implementation of the positive logic OR function
and supplement the existing family of CMOS
gates.
HCF4075B
TRIPLE 3 INPUT OR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4075BEY
SOP
HCF4075BM1
HCF4075M013TR
DIP
SOP


Similar Part No. - HCF4075BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4075BM1 STMICROELECTRONICS-HCF4075BM1 Datasheet
281Kb / 11P
OR GATE
Jun-1989
More results

Similar Description - HCF4075BM1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
Triple 3-input OR gate
January 1995
logo
STMicroelectronics
M54HC4075 STMICROELECTRONICS-M54HC4075 Datasheet
232Kb / 9P
TRIPLE 3 INPUT OR GATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
TRIPLE 3-INPUT OR GATE
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
Triple 3-input OR Gate
logo
STMicroelectronics
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
TRIPLE 3-INPUT OR GATE
Aug-2001
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
Triple 3-input OR gate
Rev. 2 - 4 February 2019
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com