Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS Datasheet(PDF) 1 Page - ECS, Inc.

Part # LTS
Description  Excellent spurious suppression
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

LTS Datasheet(HTML) 1 Page - ECS, Inc.

  LTS Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LTS SERIES
CERAMIC FILTER
The LTS Series ceramic filter is used for TV 4.5 / 5.5 / 6.0 /
6.5 MHz (TV SIF stage use).
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PART NUMBER
PIN CONNECTIONS
Nominal
Center
Frequency (Fo)
3 dB Bandwidth
20 dB Bandwidth
Insertion Loss
Spurious
Response
Withstanding Voltage
Insulation Resistance
Temp Characteristics
Operating Temperature
Storage Temperature
Input/Output Impedance
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
LTS4.5MCB
LTS5.5MCB
LTS6.0MCB
LTS6.5MCB
4.50
5.50
6.00
6.50
± 60 KHz Min.
± 60 KHz Min.
± 60 KHz Min.
± 70 KHz Min.
#1
#2
#3
In/Out
Out/In
Ground
600 KHz Max.
600 KHz Max.
600 KHz Max.
650 KHz Max.
6 dB Max.
6 dB Max.
6 dB Max.
6 dB Max.
30 Min. 0 ~ 4.5 MHz
30 Min. 0 ~ 6.0 MHz
30 Min. 0 ~ 6.0 MHz
30 Min. 0 ~ 6.5 MHz
15 Min. 4.5 ~ 7.0 MHz
15 Min. 6.0 ~ 7.0 MHz
15 Min. 6.0 ~ 7.5 MHz
15 Min. 6.5 ~ 8.0 MHz
30 Min. 7.0 ~ 10.0 MHz 30 Min. 7.0 ~ 10.0 MHz 30 Min. 7.5 ~ 10.0 MHz 30 Min. 8.0 ~ 10.0 MHz
DC 50V (1 Min.)
DC 50V (1 Min.)
DC 50V (1 Min.)
DC 50V (1 Min.)
100 MΩ Min.
100 MΩ Min.
100 MΩ Min.
100 MΩ Min.
±100 ppm/°C Max.
±100 ppm/°C Max.
±100 ppm/°C Max.
±100 ppm/°C Max.
-25 ~ +85°C
-25 ~ +85°C
-25 ~ +85°C
-25 ~ +85°C
-40 ~ +85°C
-40 ~ +85°C
-40 ~ +85°C
-40 ~ +85°C
1000Ω
600Ω
470Ω
470Ω
Unit
MHz
KHz
KHz
dB
V
MΩ
ppm/°C
°C
°C
Ω
dB
PACKAGE DIMENSIONS (mm)
Wide Bandwidth
RoHS Compliant (Note 7 Exemption)
Low insertion loss
Excellent spurious suppression
Fo
4.5 MHz
5.5 MHz
6.0 MHz
6.5 MHz
1K Ω
600 Ω
470 Ω
470 Ω
R2


Similar Part No. - LTS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-10101TBE LITEON-LTS-10101TBE Datasheet
348Kb / 6P
LED Display
LTS-10304E LITEON-LTS-10304E Datasheet
353Kb / 6P
LED Display
LTS-10304G LITEON-LTS-10304G Datasheet
351Kb / 6P
LED Display
LTS-10304JD LITEON-LTS-10304JD Datasheet
339Kb / 7P
LED Display
LTS-10304P LITEON-LTS-10304P Datasheet
350Kb / 6P
LED Display
More results

Similar Description - LTS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF997 SIEMENS-BF997 Datasheet
115Kb / 7P
Silicon N Channel MOSFET Tetrode (Integrated suppression network against spurious VHF oscillations)
logo
Rohm
BAL6309 ROHM-BAL6309 Datasheet
346Kb / 4P
SPURIOUS V-PLUSE GENERATOR
logo
Bourns Electronic Solut...
FB73-085-RC BOURNS-FB73-085-RC Datasheet
488Kb / 2P
Excellent EMI suppression
logo
Linear Technology
LTC6945 LINER-LTC6945_15 Datasheet
378Kb / 28P
Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
LTC6947 LINER-LTC6947 Datasheet
948Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
IDTF1950 RENESAS-IDTF1950 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
logo
Murata Manufacturing Co...
NFL18ST207X1C3 MURATA1-NFL18ST207X1C3_V01 Datasheet
288Kb / 3P
Steep insertion loss characteristics realize excellent noise suppression and prevent distortion of signal waveform.
Last updated07/26/2022
NFL18ST307X1C3 MURATA1-NFL18ST307X1C3_V01 Datasheet
288Kb / 3P
Steep insertion loss characteristics realize excellent noise suppression and prevent distortion of signal waveform.
Last updated07/26/2022
NFL18ST507X1C3 MURATA1-NFL18ST507X1C3_V01 Datasheet
288Kb / 3P
Steep insertion loss characteristics realize excellent noise suppression and prevent distortion of signal waveform.
Last updated07/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com